Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3994 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 4Page - STMicroelectronics AN3994 Datasheet HTML 5Page - STMicroelectronics AN3994 Datasheet HTML 6Page - STMicroelectronics AN3994 Datasheet HTML 7Page - STMicroelectronics AN3994 Datasheet HTML 8Page - STMicroelectronics AN3994 Datasheet HTML 9Page - STMicroelectronics AN3994 Datasheet HTML 10Page - STMicroelectronics AN3994 Datasheet HTML 11Page - STMicroelectronics AN3994 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Parasitic capacitances overview
AN3994
8/53
Doc ID 022380 Rev 1
2
Parasitic capacitances overview
When dealing with high speed switching applications, the most critical MOSFET parameters
limiting its dynamic response are the parasitic capacitances.
Figure 5 shows the physical origin of the parasitic component in an N-channel Power
MOSFET:
Figure 5.
N-channel Power MOSFET structure and intrinsic capacitances
Figure 6.
Equivalent model of Power MOSFET intrinsic capacitances
Cgs is mainly due to the overlap between the gate and the source metallization (“3” and “4”
components in Figure 5 and 6). Capacitors “5” and “6” are MIS (metal-insulator-
semiconductor) capacitors between the gate and the p-body. The Cgs value is linked to the
geometry of the device and it's almost independent of the voltage applied.
AM10768v1
Source metal
Source metal
4
Intermediate dielectric
4
Intermediate dielectric
2
1
5
6
4
3
Polysilicon gate
Gate oxide
N++ source
N++ source
2
1
5
6
4
3
Polysilicon gate
Gate oxide
N++ source
N++ source
2
5
P/P+ Body
P/P+ Body
2
5
P/P+ Body
P/P+ Body
7
N- drain
7
N- drain


Similar Part No. - AN3994

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3991 STMICROELECTRONICS-AN3991 Datasheet
585Kb / 15P
   How to drive multiple stepper motors with the L6470 motor driver
AN3992 STMICROELECTRONICS-AN3992 Datasheet
850Kb / 22P
   Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
AN3995 STMICROELECTRONICS-AN3995 Datasheet
372Kb / 49P
   Getting started tutorial
AN3997 STMICROELECTRONICS-AN3997 Datasheet
174Kb / 15P
   Audio playback and recording using the STM32F4DISCOVERY
AN3998 STMICROELECTRONICS-AN3998 Datasheet
96Kb / 10P
   PDM audio software decoding on STM32 microcontrollers
More results

Similar Description - AN3994

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN1690.0 INTERSIL-AN1690.0 Datasheet
268Kb / 3P
   Electronics Meets the Challenges of Patient Monitors
logo
Vincotech
A2100-A VINCOTECH-A2100-A Datasheet
438Kb / 2P
   The Answer to All Challenges
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
   ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
   One of the smallest in-duct CO2 transmitters on the market
logo
DB Lectro Inc
12E-1A DBLECTRO-12E-1A Datasheet
579Kb / 2P
   The 12E Series is one of the Sanyu 30 Watt SMT
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
Protech Systems Co., Lt...
POS-3120 PROTECHSYSTEMS-POS-3120 Datasheet
926Kb / 2P
   The One Of a Kind High Intergrated 10.4 Pos Terminal
PA-6822 PROTECHSYSTEMS-PA-6822 Datasheet
1Mb / 2P
   The One-of-a-kind Highly Integrated 15 POS Terminal
POS-6620 PROTECHSYSTEMS-POS-6620 Datasheet
998Kb / 2P
   The One-of-a-kind Highly Integrated 10.4 POS Termianal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com