Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4712DGT Datasheet(PDF) 11 Page - NEC

Part # UPD4712DGT
Description  RS-232 LINE DRIVER/RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4712DGT Datasheet(HTML) 11 Page - NEC

Back Button UPD4712DGT Datasheet HTML 4Page - NEC UPD4712DGT Datasheet HTML 5Page - NEC UPD4712DGT Datasheet HTML 6Page - NEC UPD4712DGT Datasheet HTML 7Page - NEC UPD4712DGT Datasheet HTML 8Page - NEC UPD4712DGT Datasheet HTML 9Page - NEC UPD4712DGT Datasheet HTML 10Page - NEC UPD4712DGT Datasheet HTML 11Page - NEC UPD4712DGT Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
µPD4712C/4712D
11
Soldering Condition
Package peak temperature: 235 ˚C, Time: 3 0 seconds MAX.
(210 ˚C MIN.), Number of times: 2, Number of days: not
limited*
Package peak temperature: 215 ˚C, Time: 40 seconds MAX.
(200 ˚C MIN.), Number of times: 2, Number of days: not
limited*
Soldering bath temperature: 260 ˚C MAX., Time: 10 seconds
MAX., Number of times: 1, Number of days: not limited*
Pin temperature: 300 ˚C MAX. (lead temperature), Time: 3
seconds MAX. (per lead pin), Number of days: not limited*
RECOMMENDED SOLDERING CONDITIONS
Soldering the
µPD4712C and 4712D under the conditions listed in the table below is recommended.
For soldering methods and conditions other than those recommended, consult NEC.
Surface mount type
For the details of the recommended soldering conditions of the surface mount type, refer to Information document
“Semiconductor Device Mounting Technology Manual” (C10535EJ7V0IF00)
µPD4712CGT, 4712DGT
Recommended Condition Symbol
IR35-00-2
VP15-00-2
WS60-00-1
Soldering Method
Infrared reflow
VPS
Wave soldering
Pin partial heating
Caution Do not use two or more soldering methods in combination (except the pin partial heating method).
Throught-hole type
µPD4712CCY, 4712DCY
Soldering Method
Soldering Conditions
Wave soldering
Soldering bath temperature: 260 ˚C MAX., Time: 10 seconds MAX.
REFERENCE DOCUMENTS
“NEC Semiconductor Device Reliability/Quality Control System” (IEI-1212)
“Quality Grade on NEC Semiconductor Devices” (IEI-1209)
“Semiconductor Device Mounting Technology Manual” (C10535EJ7V0IF00)
*
The number of days the device can be stored at 25 ˚C, 65 % RH MAX. after the dry pack has been opened.


Similar Part No. - UPD4712DGT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4712DGT RENESAS-UPD4712DGT Datasheet
247Kb / 14P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD4712DGT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com