Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC7WZ126FK Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIC7WZ126FK
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ126FK Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC7WZ126FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ126FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ126FK Datasheet HTML 3Page - KEC(Korea Electronics) KIC7WZ126FK Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 5. 13
3/4
KIC7WZ126FK
Revision No : 0
AC Characteristics
Note 2 : Characteristic guaranteed by design. tOSLH=|tPLHmax-tPLHmin| ; tOSHL=|tPHLmax-tPHLmin|.
Note 3 : CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current
consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic
operating current by the exprssion : ICCD=CPD・VCC・fIN+ICC
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Propagation Delay
AN to YN
(Figures 1,3)
tPLH
tPHL
CL=15pF, RD=1MΩ
S1=Open
1.8±0.15
2.0
-
12.0
2.0
13.0
ns
2.5±0.2
1.0
-
7.5
1.0
8.0
3.3±0.3
0.8
-
5.2
0.8
5.5
5.0±0.5
0.5
-
4.5
0.5
4.8
tPLH
tPHL
CL=50pF, RD=500Ω
S1=Open
3.3±0.3
1.2
-
5.7
1.2
6.0
ns
5.0±0.5
0.8
-
5.0
0.8
5.3
Output to Output Skew
(Figures 1,3)
(Note 2)
tOSLH
tOSHL
CL=50pF, RD=500Ω
S1=Open
3.3±0.3
-
-
1.0
-
1.0
ns
5.0±0.5
-
-
0.8
-
0.8
Output Enable Time
(Figures 1,3)
tPZL
tPZH
CL=50pF,
RD, RU=500Ω
S1=GND for tPZH
S1=V1 for tPZL
V1=2×VCC
1.8±0.15
3.0
-
14.0
3.0
15.0
ns
2.5±0.2
1.8
-
8.5
1.8
9.0
3.3±0.3
1.2
-
6.2
1.2
6.5
5.0±0.5
0.8
-
5.5
0.8
5.8
Output Disable Time
(Figures 1,3)
tPLZ
tPHZ
CL=50pF,
RD, RU=500Ω
S1=GND for tPHZ
S1=V1 for tPLZ
V1=2×VCC
1.8±0.15
2.5
-
12.0
2.5
13.0
ns
2.5±0.2
1.5
-
8.0
1.5
8.5
3.3±0.3
0.8
-
5.7
0.8
6.0
5.0±0.5
0.3
-
4.7
0.3
5.0
Input Capacitance
CIN
0
-
2.5
-
-
-
pF
Output Capacitance
COUT
5.0
-
4
-
-
-
pF
Power Dissipation
Capacitance
(Figure 2)
CPD
(Note 3)
3.3
-
10
-
-
-
pF
5.0
-
12
-
-
-
Noise Characteristics
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=-25℃
UNIT
VCC(V)
TYP.
MAX.
Quiet Output Maximum Dynamic VOL
VOLP (Note 1)
CL=50pF
5.0
-
1.0
V
Quiet Output Minimum Dynamic VOL
VOLV (Note 1)
CL=50pF
5.0
-
1.0
V
Quiet Output Minimum Dynamic VOH
VOHV (Note 1)
CL=50pF
5.0
-
4.0
V
Minimum HIGH Level Dynamic Input Voltage
VIHD (Note 1)
CL=50pF
5.0
-
3.5
V
Maximum LOW Level Dynamic Input Voltage
VILD (Note 1)
CL=50pF
5.0
-
1.5
V
Note 1 : Characteristic guaranteed by design.


Similar Part No. - KIC7WZ126FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ125 KEC-KIC7WZ125 Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results

Similar Description - KIC7WZ126FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7W125FK KEC-KIC7W125FK Datasheet
295Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT540P TOSHIBA-TC74ACT540P_07 Datasheet
228Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com