Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC846ALT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC846ALT1G
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC846ALT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC846ALT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBC846ALT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBC846ALT1G_15 Datasheet HTML 3Page - Leshan Radio Company LBC846ALT1G_15 Datasheet HTML 4Page - Leshan Radio Company LBC846ALT1G_15 Datasheet HTML 5Page - Leshan Radio Company LBC846ALT1G_15 Datasheet HTML 6Page - Leshan Radio Company LBC846ALT1G_15 Datasheet HTML 7Page - Leshan Radio Company LBC846ALT1G_15 Datasheet HTML 8Page - Leshan Radio Company LBC846ALT1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
3
xx
MARKING DIAGRAM
xx= Device Marking
(See Table Below)
LBC846ALT1G
Series
NPN Silicon
Moisture Sensitivity Level: 1
ESD Rating – Human Body Model: >4000 V
ESD Rating – Machine Model: >400 V
1. FR–5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2
EMITTER
3
CO LLECT O R
1
BASE
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
L
BC846
L
BC847, LBC850
L
BC848, LBC849
VCEO
65
45
30
Vdc
Collector–Base Voltage
L
BC846
L
BC847, LBC850
L
BC848, LBC849
VCBO
80
50
30
Vdc
Emitter–Base Voltage
L
BC846
L
BC847, LBC850
L
BC848, LBC849
VEBO
6.0
6.0
5.0
Vdc
Collector Current – Continuous
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board
(Note 1.)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction to Ambient (Note 1.)
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2.)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction to Ambient (Note 2.)
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ,Tstg
–55 to
+150
°C
1
SOT–23
We declare that the material of product compliance with RoHS requirements.
2
3
1
2
Rev.A 1/13
S-LBC846ALT1G
Series
S- Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.


Similar Part No. - LBC846ALT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
More results

Similar Description - LBC846ALT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com