Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC848BWT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC848BWT1G
Description  General Purpose Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC848BWT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC848BWT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBC848BWT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBC848BWT1G_15 Datasheet HTML 3Page - Leshan Radio Company LBC848BWT1G_15 Datasheet HTML 4Page - Leshan Radio Company LBC848BWT1G_15 Datasheet HTML 5Page - Leshan Radio Company LBC848BWT1G_15 Datasheet HTML 6Page - Leshan Radio Company LBC848BWT1G_15 Datasheet HTML 7Page - Leshan Radio Company LBC848BWT1G_15 Datasheet HTML 8Page - Leshan Radio Company LBC848BWT1G_15 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
1
3
2
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector–Emitter Voltage
V CEO
65
45
30
V
Collector–Base Voltage
V CBO
80
50
30
V
Emitter–Base Voltage
V EBO
6.0
6.0
5.0
V
Collector Current — Continuous
I C
100
100
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
P D
150
mW
Thermal Resistance, Junction to Ambient
R θJA
833
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LBC846AWT1G = 1A; LBC846BWT1G = 1B; LBC847AWT1G = 1E; LBC847BWT1G = 1F;
LBC847CWT1G = 1G; LBC848AWT1G = 1J; LBC848BWT1G = 1K; LBC848CWT1G = 1L;
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
65
(IC = 10 mA)
V (BR)CEO
45
v
30
Collector–Emitter Breakdown Voltage
80
(IC = 10
µA, V
EB = 0)
V (BR)CES
50
v
30
Collector–Base Breakdown Voltage
80
(IC = 10
µA)
V (BR)CBO
50
v
30
Emitter–Base Breakdown Voltage
6.0
(IE = 1.0
µA)
V (BR)EBO
6.0
v
5.0
Collector Cutoff Current (VCB = 30 V)
I CBO
——
15
nA
(VCB = 30 V, TA = 150°C)
5.0
µA
S-LBC846AWT1G,BWT1G
S-LBC847AWT1G,BWT1G
CWT1G
S-LBC848AWT1G,BWT1G
CWT1G
2
EMITTER
3
COLLECTOR
1
BASE
SOT–323 /SC–70
1.FR–5=1.0 x 0.75 x 0.062in
LBC847 Series
LBC846 Series
LBC848 Series
LBC846 Series
LBC847 Series
LBC848 Series
LBC846 Series
LBC847 Series
LBC848 Series
LBC846 Series
LBC847 Series
LBC848 Series
ORDERING INFORMATION
General Purpose Transistors
NPN Silicon
Pb Free
(
)
Device
Package
Shipping
LBC846AWT1G
SC-70
3000/Tape&Reel
10000/Tape&Reel
LBC846AWT3G
SC-70
We declare that the material of product compliance with RoHS requirements.
Rev.O 1/9
LBC846AWT1G,BWT1G
LBC847AWT1G,BWT1G
CWT1G
LBC848AWT1G,BWT1G
CWT1G
S- Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
S-LBC846AWT1G
S-LBC846AWT3G


Similar Part No. - LBC848BWT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC848BWT1G LRC-LBC848BWT1G Datasheet
550Kb / 9P
   General Purpose Transistors NPN Silicon
LBC848BWT1G LRC-LBC848BWT1G Datasheet
284Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
   General Purpose Transistors NPN Silicon
More results

Similar Description - LBC848BWT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com