Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4150 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4150
Description  Power MOSFET technology gate current needs in a synchronous buck converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4150 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4150 Datasheet HTML 7Page - STMicroelectronics AN4150 Datasheet HTML 8Page - STMicroelectronics AN4150 Datasheet HTML 9Page - STMicroelectronics AN4150 Datasheet HTML 10Page - STMicroelectronics AN4150 Datasheet HTML 11Page - STMicroelectronics AN4150 Datasheet HTML 12Page - STMicroelectronics AN4150 Datasheet HTML 13Page - STMicroelectronics AN4150 Datasheet HTML 14Page - STMicroelectronics AN4150 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AN4150
Synchronous buck converter testing demonstration board
Doc ID 023526 Rev 1
11/20
For a planar structure, L is the gate electrode width while the pitch is the cell-to-cell
distance. In a trench device, L* is the trench width and h is the trench depth. Qg/A (gate
charge per area) links the Power MOSFET dynamic performance to the device geometry,
providing a good tool for a technology comparison:
Equation 3
Equation 4
Equation 3 is valid for a planar device, while 4 is valid for trench. For modern silicon
technology, the following considerations are valid:
Equation 5
L*<< 2 h
Equation 6
L < 2 h
So, merging Equation 3, 4, 5 and 6 and considering that (pitch)A > (pitch)B:
Equation 7
Equation 8
In other words, the intrinsic capacitive contribution of planar technology is lower than that of
trench. This is of basic importance when the system/application requires switching
performance improvement.
The specific capacitance difference between devices A and B shown in Figure 8 is reflected
into dissimilar gate charge curves: all the components of the gate charge are much larger for
dev.B (red curve).
Q
g
A
-------
L
pitch
()
A
----------------------
Q
g
A
-------
L2h
+
pitch
()
A
----------------------
*
Q
g
A
-------
⎝⎠
⎛⎞
planar
Q
g
A
-------
⎝⎠
⎛⎞
trench
<
C
xx
A
---------
⎝⎠
⎛⎞
planar
C
xx
A
---------
⎝⎠
⎛⎞
trench
<


Similar Part No. - AN4150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4154 STMICROELECTRONICS-AN4154 Datasheet
1Mb / 21P
   Power supply for energy meter and power line modem
AN4156 STMICROELECTRONICS-AN4156 Datasheet
375Kb / 12P
   Hardware abstraction layer for Android
AN4157 STMICROELECTRONICS-AN4157 Datasheet
245Kb / 24P
   STM32F3DISCOVERY peripheral firmware examples
AN4158 STMICROELECTRONICS-AN4158 Datasheet
988Kb / 34P
   Peak current control with automatic decay adjustment
AN4159 STMICROELECTRONICS-AN4159 Datasheet
652Kb / 27P
   Hardware and software guidelines for use of the LPS331AP
More results

Similar Description - AN4150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
logo
Texas Instruments
TPS50601-SP TI1-TPS50601-SP Datasheet
1Mb / 40P
[Old version datasheet]   6-A Synchronous Buck Converter
logo
Foshan Blue Rocket Elec...
BRCD3470 FOSHAN-BRCD3470 Datasheet
773Kb / 9P
   Synchronous Buck Converter in a SOT23-6 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com