Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4205 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 5Page - STMicroelectronics AN4205 Datasheet HTML 6Page - STMicroelectronics AN4205 Datasheet HTML 7Page - STMicroelectronics AN4205 Datasheet HTML 8Page - STMicroelectronics AN4205 Datasheet HTML 9Page - STMicroelectronics AN4205 Datasheet HTML 10Page - STMicroelectronics AN4205 Datasheet HTML 11Page - STMicroelectronics AN4205 Datasheet HTML 12Page - STMicroelectronics AN4205 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AN4205
Input stage of the AC/DC converter
Doc ID 023929 Rev 1
9/23
From Equation 4, we can determine the number of secondary turns:
We can also calculate the auxiliary needed to supply the driver. The driver used is the
UC3842 which is driven by 15 V.
Equation 16
The next step is to determine the air gap length (lg) of the core and the inductance of a
single turn (AL).
Knowing the primary inductance, the inductance of a single turn can be calculated:
Equation 17
In this case we chose the standard value AL=100 nH.
Now the air gap length is known:
Equation 18
From the datasheet of the core K1 = 42.2 and K2 = -0.701
Before proceeding to calculate the wire dimension, we can verify if the selected core is
acceptable (safety condition) with regard to thermal operation.
Using Ampere's law we can calculate the B field:
Equation 19
The magnetic permeability µfe is much higher than µ0 (the magnetic permeability in the air),
so we can neglect the last term in Equation 19.
Equation 20
This result confirms the accuracy of the hypothesis about
ΔBmax.
N
P
155
N
PS
28 155
()
N
P
N
Aux
-------------
V
fl
V
Aux
V
F diode
,
+
-----------------------------------------
100
15
1
+
----------------
6.25
==
=
N
Aux
25
=
L
P
N
PAL
=
A
L
L
P
N
P
-------
85nH
==
2
2
l
g
A
L
K
1
------


1K
2
=
l
g
0.3mm
=
N
PIP
Hdl
°
ΣH
ili
H
glg
H
felfe
+
B
μ
0
------lg
B
μ
fe
-------lfe
+
==
=
=
N
PIP
B
μ
0
------lg
=
B194mT
=


Similar Part No. - AN4205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN420 STMICROELECTRONICS-AN420 Datasheet
125Kb / 16P
   Occasionally the analog signal provided by external sensors require
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
AN4206 STMICROELECTRONICS-AN4206 Datasheet
769Kb / 34P
   Getting started with STM32F3 series hardware development
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
More results

Similar Description - AN4205

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
   The most integrated and flexible Bluetooth짰 low energy SoC
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
KODENSHI_AUK CORP.
SG128 KODENSHI-SG128 Datasheet
142Kb / 3P
   The most suitable detection distance
logo
STMicroelectronics
AN3338 STMICROELECTRONICS-AN3338 Datasheet
2Mb / 72P
   In recent years the variable speed motor control market has required high performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com