Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1463 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1463
Description  Dual/Quad Micropower, 260W C-Load Picoampere Bias Current JFET Input Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1463 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1463 Datasheet HTML 3Page - Linear Technology LT1463 Datasheet HTML 4Page - Linear Technology LT1463 Datasheet HTML 5Page - Linear Technology LT1463 Datasheet HTML 6Page - Linear Technology LT1463 Datasheet HTML 7Page - Linear Technology LT1463 Datasheet HTML 8Page - Linear Technology LT1463 Datasheet HTML 9Page - Linear Technology LT1463 Datasheet HTML 10Page - Linear Technology LT1463 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1462/LT1463
APPLICATIONS INFORMATION
Phase Reversal Protection
Most industry standard JFET input single, dual and quad
op amps exhibit phase reversal at the output when the
negative common mode limit at the input is exceeded.
Common mode range is at a premium at
±5Vsupplies.The
Figures show a
±5.2V sine wave input (Figure 1a), the
(1a)
±5.2V Sine Wave
LT1462 • F01a
LT1462 • F01b
Figure 1. Voltage Follower with Input Exceeding the Common Mode Range (VS = ±5V)
LT1462 • F01c
(1b) Typical JFET Input Op Amp
with
±5V Supplies
(1c) LT1462/LT1463 Output
with
±5V Supplies
response of a competing JFET input op amp in the unity-
gain follower mode (Figure 1b) and the response of the
LT1462/LT1463 (Figure 1c).
The phase reversal of Figure 1b can cause lock-up in servo
systems.TheLT1462/LT1463doesnotphase-reversewhen
the common mode input is anywhere within the supplies.


Similar Part No. - LT1463

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1463 LINER-LT1463 Datasheet
309Kb / 12P
   Dual/Quad Micropower, 260uW C-Load Picoampere Bias Current JFET Input Op Amps
LT1463CN LINER-LT1463CN Datasheet
309Kb / 12P
   Dual/Quad Micropower, 260uW C-Load Picoampere Bias Current JFET Input Op Amps
LT1463CS LINER-LT1463CS Datasheet
309Kb / 12P
   Dual/Quad Micropower, 260uW C-Load Picoampere Bias Current JFET Input Op Amps
More results

Similar Description - LT1463

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1464 LINER-LT1464_15 Datasheet
283Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1462 LINER-LT1462 Datasheet
309Kb / 12P
   Dual/Quad Micropower, 260uW C-Load Picoampere Bias Current JFET Input Op Amps
LT1462 LINER-LT1462_15 Datasheet
286Kb / 12P
   Dual/Quad Micropower, 260mW C-Load Picoampere Bias Current JFET Input Op Amps
LT1465 LINER-LT1465_15 Datasheet
283Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1464 LINER-LT1464 Datasheet
310Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com