Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1781 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1781
Description  Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1781 Datasheet(HTML) 5 Page - Linear Technology

  LT1781_15 Datasheet HTML 1Page - Linear Technology LT1781_15 Datasheet HTML 2Page - Linear Technology LT1781_15 Datasheet HTML 3Page - Linear Technology LT1781_15 Datasheet HTML 4Page - Linear Technology LT1781_15 Datasheet HTML 5Page - Linear Technology LT1781_15 Datasheet HTML 6Page - Linear Technology LT1781_15 Datasheet HTML 7Page - Linear Technology LT1781_15 Datasheet HTML 8Page - Linear Technology LT1781_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1780/LT1781
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Shutdown to Driver Outputs
Driver Output Waveforms
1780 • G13
1780 • G12
INPUT
DRIVER OUTPUT
RL = 3k
DRIVER OUTPUT
RL = 3k
CL = 2500pF
10V
5V
GND
DRIVER 1
OUTPUT
DRIVER 2
OUTPUT
ON/OFF PIN
GND
– 10V
–5V
Driver Leakage in Shutdown
Receiver Short-Circuit Current
Slew Rate vs Load Capacitance
TEMPERATURE (
°C)
0.1
10
100
1780 • G08
1
–55
0
50
75
–25
25
100
125
VOUT = –30V
VOUT = 30V
Driver Short-Circuit Current
TEMPERATURE (
°C)
–55
20
25
30
25
75
1780 • G09
15
10
–25
0
50
100
125
5
0
ISC+
ISC
TEMPERATURE (
°C)
–55
0
20
50
0
50
75
1780 • G10
10
40
30
–25
25
100
125
RX ISC
RX ISC+
LOAD CAPACITANCE (nF)
0
12
16
4.0
1780 • G11
8
4
0
1.0
2.0
3.0
5.0
10
14
6
2
3.5
0.5
1.5
2.5
4.5
+SLEW
–SLEW


Similar Part No. - LT1781_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1781CN LINER-LT1781CN Datasheet
276Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
logo
Linear Integrated Syste...
LT1781CN LINEAR-LT1781CN Datasheet
246Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
logo
Linear Technology
LT1781CS LINER-LT1781CS Datasheet
276Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
logo
Linear Integrated Syste...
LT1781CS LINEAR-LT1781CS Datasheet
246Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
logo
Linear Technology
LT1781CSW LINER-LT1781CSW Datasheet
276Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
More results

Similar Description - LT1781_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1780ISW LINEAR-LT1780ISW Datasheet
246Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
logo
Linear Technology
LT1780 LINER-LT1780_15 Datasheet
255Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
LT1780 LINER-LT1780 Datasheet
276Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081 LINER-LT1081_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com