Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1949-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1949-1
Description  1.1MHz, 1A Switch PWM DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1949-1 Datasheet(HTML) 5 Page - Linear Technology

  LT1949-1_15 Datasheet HTML 1Page - Linear Technology LT1949-1_15 Datasheet HTML 2Page - Linear Technology LT1949-1_15 Datasheet HTML 3Page - Linear Technology LT1949-1_15 Datasheet HTML 4Page - Linear Technology LT1949-1_15 Datasheet HTML 5Page - Linear Technology LT1949-1_15 Datasheet HTML 6Page - Linear Technology LT1949-1_15 Datasheet HTML 7Page - Linear Technology LT1949-1_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1949-1
BLOCK DIAGRA
+
+
+
+
+
+
Σ
RAMP
GENERATOR
1.24V
REFERENCE
R
BIAS
VC
gm
FB
ENABLE
200mV
A = 2
FF
A1
COMPARATOR
A2
COMPARATOR
ERROR
AMPLIFIER
A4
0.06
DRIVER
SW
GND
1949-1 BD
Q3
Q
S
1.1MHz
OSCILLATOR
5
LBO
LBI
SHDN
SHUTDOWN
3
7
1
4
R1
(EXTERNAL)
VOUT
8
R2
(EXTERNAL)
FB
2
Figure 3. LT1949-1 Block Diagram
The LT1949-1 is a current mode, fixed frequency step-up
DC/DC converter with an internal 1A NPN power transis-
tor. Operation can best be understood by referring to the
Block Diagram.
At the beginning of each oscillator cycle, the flip-flop is set
and the switch is turned on. Current in the switch ramps
up until the voltage at A2’s positive input reaches the VC
pin voltage, causing A2’s output to change state and the
switch to be turned off. The signal at A2’s positive input is
a summation of a signal representing switch current and
a ramp generator (introduced to avoid subharmonic oscil-
lations at duty factors greater than 50%). If the load
increases, VOUT (and FB) will drop slightly and the error
amplifier will drive VC to a higher voltage, causing current
in the switch to increase. In this way, the error amplifier
drives the VC pin to the voltage necessary to satisfy the
load. Frequency compensation is provided by an external
series RC network connected between the VC pin and
ground.
Layout Hints
The LT1949-1 switches current at high speed, mandating
careful attention to layout for proper performance.
You
will not get advertised performance with careless layouts.
Figure 4 shows recommended component placement for
a boost (step-up) converter. Follow this closely in your PC
layout. Note the direct path of the switching loops. Input
capacitor C1
must be placed close (< 5mm) to the IC
package. As little as 10mm of wire or PC trace from CIN to
VIN will cause problems such as inability to regulate or
oscillation.
The ground terminal of output capacitor C2 should tie
close to Pin 4 of the LT1949-1. Doing this reduces dI/dt in
the ground copper which keeps high frequency spikes to
a minimum. The DC/DC converter ground should tie to the
PC board ground plane at one place only, to avoid intro-
ducing dI/dt in the ground plane.
OPERATIO


Similar Part No. - LT1949-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1949-1EMS8 LINER-LT1949-1EMS8 Datasheet
173Kb / 8P
   1.1MHz, 1A Switch PWM DC/DC Converter
More results

Similar Description - LT1949-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1949-1 LINER-LT1949-1 Datasheet
173Kb / 8P
   1.1MHz, 1A Switch PWM DC/DC Converter
LT1949 LINER-LT1949_15 Datasheet
172Kb / 8P
   600kHz, 1A Switch PWM DC/DC Converter
LT1949 LINER-LT1949 Datasheet
158Kb / 8P
   600kHz, 1A Switch PWM DC/DC Converter
logo
Advanced Power Electron...
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
   200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3406 BCDSEMI-AP3406_09 Datasheet
638Kb / 12P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406 BCDSEMI-AP3406 Datasheet
32Kb / 2P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Enpirion, Inc.
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
   Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com