Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3468 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3468
Description  Photoflash Capacitor Chargers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468 Datasheet(HTML) 1 Page - Linear Technology

  LT3468 Datasheet HTML 1Page - Linear Technology LT3468 Datasheet HTML 2Page - Linear Technology LT3468 Datasheet HTML 3Page - Linear Technology LT3468 Datasheet HTML 4Page - Linear Technology LT3468 Datasheet HTML 5Page - Linear Technology LT3468 Datasheet HTML 6Page - Linear Technology LT3468 Datasheet HTML 7Page - Linear Technology LT3468 Datasheet HTML 8Page - Linear Technology LT3468 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3468/LT3468-1/LT3468-2
1
346812fa
FEATURES
DESCRIPTIO
APPLICATIO S
Digital / Film Camera Flash
PDA / Cell Phone Flash
Emergency Strobe
Highly Integrated IC Reduces Solution Size
Uses Small Transformers:
5.8mm × 5.8mm × 3mm
Fast Photoflash Charge Times:
4.6s for LT3468 (0V to 320V, 100µF, VIN = 3.6V)
5.7s for LT3468-2 (0V to 320V, 100µF, VIN = 3.6V)
5.5s for LT3468-1 (0V to 320V, 50µF, VIN = 3.6V)
Controlled Input Current:
500mA (LT3468)
375mA (LT3468-2)
225mA (LT3468-1)
Supports Operation from Single Li-Ion Cell, or Any
Supply from 2.5V up to 16V
Adjustable Output Voltage
No Output Voltage Divider Needed
Charges Any Size Photoflash Capacitor
Low Profile (<1mm) SOT-23 Package
Photoflash Capacitor
Chargers in ThinSOT
TM
The LT
®3468/LT3468-1/LT3468-2 are highly integrated
ICs designed to charge photoflash capacitors in digital and
film cameras. A patented control technique* allows for the
use of extremely small transformers. Each device contains
an on-chip high voltage NPN power switch. Output voltage
detection* is completely contained within the device,
eliminating the need for any discrete zener diodes or
resistors. The output voltage can be adjusted by simply
changing the turns ratio of the transformer. The LT3468
has a primary current limit of 1.4A, the LT3468-2 has a 1A
limit, and the LT3468-1 has a 0.7A limit. These different
current limit levels result in well controlled input currents
of 500mA for the LT3468, 375mA for the LT3468-2 and
225mA for the LT3468-1. Aside from the differing current
limit, the three devices are otherwise equivalent.
The CHARGE pin gives full control of the part to the user.
Driving CHARGE low puts the part in shutdown. The DONE
pin indicates when the part has completed charging. The
LT3468 series of parts are available in tiny low profile
(1mm) SOT-23 packages.
DANGER HIGH VOLTAGE – OPERATION BY HIGH VOLTAGE
TRAINED PERSONNEL ONLY
LT3468 Photoflash Charger Uses
High Efficiency 4mm Tall Transformer
LT3468
CHARGE
GND
VIN
SW
+
DONE
DONE
CHARGE
4.7µF
100k
1:10.2
VIN
2.5V TO 8V
320V
1
2
4
5
346812 TA01
100µF
LT3468 Charging Waveform
3468 G01
1s/DIV
VIN = 3.6V
COUT = 100µF
VOUT
50V/DIV
AVERAGE
INPUT
CURRENT
1A/DIV
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents, including 6518733.


Similar Part No. - LT3468

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
LT3468 LINER-LT3468 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
logo
Analog Devices
LT3468 AD-LT3468 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Sumida Corporation
LT3468 SUMIDA-LT3468 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Linear Technology
LT3468-1 LINER-LT3468-1 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
More results

Similar Description - LT3468

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-1 LINER-LT3468-1_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com