Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3468-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3468-2
Description  Photoflash Capacitor Chargers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468-2 Datasheet(HTML) 3 Page - Linear Technology

  LT3468-2 Datasheet HTML 1Page - Linear Technology LT3468-2 Datasheet HTML 2Page - Linear Technology LT3468-2 Datasheet HTML 3Page - Linear Technology LT3468-2 Datasheet HTML 4Page - Linear Technology LT3468-2 Datasheet HTML 5Page - Linear Technology LT3468-2 Datasheet HTML 6Page - Linear Technology LT3468-2 Datasheet HTML 7Page - Linear Technology LT3468-2 Datasheet HTML 8Page - Linear Technology LT3468-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3468/LT3468-1/LT3468-2
3
346812fa
LT3468-1 Charge Time
LT3468-1 Charging Waveform
LT3468 Input Current
LT3468-1 Input Current
LT3468 Charging Waveform
LT3468 Charge Time
VIN (V)
23456789
3468 G04
10
9
8
7
6
5
4
3
2
1
0
COUT = 50µF
COUT = 100µF
TA = 25°C
VIN (V)
23456789
3468 G05
10
9
8
7
6
5
4
3
2
1
0
COUT = 20µF
COUT = 50µF
TA = 25°C
VOUT (V)
0
50
100
150
200
250
300
3468 G07
800
0
200
400
600
VIN = 2.8V
VIN = 4.2V
VIN = 3.6V
TA = 25°C
VOUT (V)
0
50
100
150
200
250
300
3468 G08
400
0
100
200
300
VIN = 2.8V
VIN = 4.2V
VIN = 3.6V
TA = 25°C
VIN = 3.6V
COUT = 50µF
3468 G01
3468 G02
TYPICAL PERFOR A CE CHARACTERISTICS
1s/DIV
VIN = 3.6V
COUT = 100µF
VOUT
50V/DIV
1s/DIV
AVERAGE
INPUT
CURRENT
1A/DIV
VOUT
50V/DIV
AVERAGE
INPUT
CURRENT
0.5A/DIV
LT3468 curves use the circuit of Figure 6, LT3468-1
curves use the circuit of Figure 7 and LT3468-2 use the circuit of Figure 8 unless otherwise noted.
VIN = 3.6V
COUT = 100µF
VOUT
50V/DIV
AVERAGE
INPUT
CURRENT
0.5A/DIV
1s/DIV
3468 G03
VIN (V)
2
10
9
8
7
6
5
4
3
2
1
0
4
6
7
3468 G06
3
5
8
9
COUT = 100µF
COUT = 50µF
TA = 25°C
VOUT (V)
0
50
100
150
200
250
300
3468 G09
600
0
150
300
450
VIN = 2.8V
VIN = 4.2V
VIN = 3.6V
TA = 25°C
LT3468-2 Charge Time
LT3468-2 Charging Waveform
LT3468-2 Input Current


Similar Part No. - LT3468-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
logo
Analog Devices
LT3468-2 AD-LT3468-2 Datasheet
1Mb / 16P
   Capacitor Charger Controller
More results

Similar Description - LT3468-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-1 LINER-LT3468-1_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com