Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8309 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8309
Description  Secondary-Side Synchronous Rectifier Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8309 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8309_15 Datasheet HTML 5Page - Linear Technology LT8309_15 Datasheet HTML 6Page - Linear Technology LT8309_15 Datasheet HTML 7Page - Linear Technology LT8309_15 Datasheet HTML 8Page - Linear Technology LT8309_15 Datasheet HTML 9Page - Linear Technology LT8309_15 Datasheet HTML 10Page - Linear Technology LT8309_15 Datasheet HTML 11Page - Linear Technology LT8309_15 Datasheet HTML 12Page - Linear Technology LT8309_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LT8309
9
8309fa
For more information www.linear.com/LT8309
operaTion
Figure 3. Demo Board Topside Silkscreen
Figure 4. Demo Board Topside Metal
to operate during a short, and the current will flow through
the low resistance channel of the MOSFET instead of its
body diode. Make sure to use a resistor in series with the
diode to keep VCC below 40V.
Layout Considerations
The main current loop is the MOSFETs drain-to-source
current. This should not share the same ground path as
the LT8309. The drain resistor needs to sense directly at
the drain of the MOSFET and not have any current of the
drain current flow through its metal trace. The drain node
of the MOSFET is used as the heat sink and will need to
be sized according to the power dissipation requirements.
Figure 3 is an example layout of the LT8309.
Effects of the Body Diode
When the discontinuous ring voltage goes below ground,
the body diode of the primary-side MOSFET turns on and
begins to conduct current. This diode clamps the voltage
to a diode drop below ground. When the current reverses
direction, the diode does not turn off immediately, and
conductscurrentintheoppositedirectionforasmallperiod
oftime.Thisisknownasthereverse-recoverytime.During
this time, the magnetizing inductance of the transformer
stores energy just like it does when the MOSFET turns
on. When the primary-side body diode finally turns off,
the energy is transferred to the secondary side and may
be enough to turn on the body diode of the secondary
MOSFET. Then, the LT8309 turns on its MOSFET for a
second time. Since this happens during the discontinuous
ring, the primary side may turn on during this time and
cause cross conduction. If this problem does occur, one
way to improve the reverse-recovery time of the primary
side’s MOSFET is to add a parallel Schottky diode, which
will conduct most of the current and turn off much faster
than the body diode. Another way of eliminating this issue
is by sizing the turns ratio so that the discontinuous ring
never goes below ground.


Similar Part No. - LT8309_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8309 AD-LT8309 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8309 AD-LT8309 Datasheet
1Mb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
LT8309 AD-LT8309 Datasheet
1Mb / 20P
   Industrial SPoE PD Controller
Rev. 0
More results

Similar Description - LT8309_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
NCP81178 ONSEMI-NCP81178 Datasheet
200Kb / 17P
   Secondary Synchronous Rectifier Driver
July, 2015 ??Rev. 2
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
FAN6292 ONSEMI-FAN6292 Datasheet
898Kb / 16P
   Compact Secondary-Side Synchronous Rectifier Control
February 2017- Rev. 1.0
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com