Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8610 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8610
Description  42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 1 Page - Linear Technology

  LT8610_15 Datasheet HTML 1Page - Linear Technology LT8610_15 Datasheet HTML 2Page - Linear Technology LT8610_15 Datasheet HTML 3Page - Linear Technology LT8610_15 Datasheet HTML 4Page - Linear Technology LT8610_15 Datasheet HTML 5Page - Linear Technology LT8610_15 Datasheet HTML 6Page - Linear Technology LT8610_15 Datasheet HTML 7Page - Linear Technology LT8610_15 Datasheet HTML 8Page - Linear Technology LT8610_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT8610
1
8610fa
For more information www.linear.com/LT8610
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V, 2.5A Synchronous
Step-Down Regulator
with 2.5µA Quiescent
Current
The LT®8610 is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
that consumes only 2.5µA of quiescent current. Top and
bottom power switches are included with all necessary
circuitry to minimize the need for external components.
Low ripple Burst Mode operation enables high efficiency
down to very low output currents while keeping the output
ripple below 10mVP-P. A SYNC pin allows synchronization
to an external clock. Internal compensation with peak cur-
rent mode topology allows the use of small inductors and
results in fast transient response and good loop stability.
The EN/UV pin has an accurate 1V threshold and can be
used to program VINundervoltagelockoutortoshutdown
the LT8610 reducing the input supply current to 1µA. A
capacitor on the TR/SS pin programs the output voltage
ramp rate during start-up. The PG flag signals when VOUT
is within ±9% of the programmed output voltage as well
as fault conditions. The LT8610 is available in a small
16-lead MSOP package with exposed pad for low thermal
resistance.
5V 2.5A Step-Down Converter
12VIN to 5VOUT Efficiency
APPLICATIONS
n
Wide Input Voltage Range: 3.4V to 42V
n
Ultralow Quiescent Current Burst Mode® Operation:
2.5μA IQ Regulating 12VIN to 3.3VOUT
Output Ripple < 10mVP-P
n
High Efficiency Synchronous Operation:
96% Efficiency at 1A, 5VOUT from 12VIN
94% Efficiency at 1A, 3.3VOUT from 12VIN
n
Fast Minimum Switch-On Time: 50ns
n
Low Dropout Under All Conditions: 200mV at 1A
n
Allows Use Of Small Inductors
n
Low EMI
n
Adjustable and Synchronizable: 200kHz to 2.2MHz
n
Current Mode Operation
n
Accurate 1V Enable Pin Threshold
n
Internal Compensation
n
Output Soft-Start and Tracking
n
Small Thermally Enhanced 16-Lead MSOP Package
n
Automotive and Industrial Supplies
n
General Purpose Step-Down
n
GSM Power Supplies
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
BST
VIN
EN/UV
PG
SYNC
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
8610 TA01a
FB
0.1µF
VOUT
5V
2.5A
4.7µF
VIN
5.5V TO 42V
1µF
10nF
10pF
4.7µH
1M
243k
fSW = 700kHz
60.4k
47µF
LOAD CURRENT (A)
0
80
90
100
2
8610 G01
70
60
75
85
95
65
55
50
0.5
1
1.5
2.5
VIN = 12V
VIN = 24V
fSW = 700kHz


Similar Part No. - LT8610_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610A LINER-LT8610A Datasheet
1Mb / 38P
   42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
logo
Analog Devices
LT8610A AD-LT8610A Datasheet
2Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
logo
Linear Technology
LT8610A LINER-LT8610A Datasheet
1Mb / 26P
   60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8610A AD-LT8610A Datasheet
3Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8610A AD-LT8610A Datasheet
2Mb / 30P
   Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
More results

Similar Description - LT8610_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT8609 LINER-LT8609_15 Datasheet
1Mb / 22P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
   42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
   42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com