Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1D Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # US1D
Description  SURFACE MOUNT ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

US1D Datasheet(HTML) 1 Page - Compact Technology Corp.

  US1D Datasheet HTML 1Page - Compact Technology Corp. US1D Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US1A thru US1M
FEATURES
Plastic passivated Junction
Ultra fast switching for high efficiency
For surface mounted applications
Low forward voltage drop and high current capability
Low reverse leakage current
Plastic material has UL flammability classification 94V-0
MECHANICAL DATA
Case : Molded plastic
Polarity : Indicated by cathode band
Weight : 0.002 ounces, 0.064 grams
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =100 C
@TJ =25 C
1.0
30
1.0
5.0
100
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
@TL =75 C
200
140
200
50
35
50
1000
700
1000
100
70
100
800
560
800
600
420
600
400
280
400
US1A
US1M
US1K
US1J
US1G
US1D
US1B
1.3
1.7
CJ
Typical Junction
Capacitance (Note 2)
20
pF
17
Typical Thermal Resistance (Note 3)
R0JL
30
C/W
Maximum Reverse Recovery Time (Note 1)
TRR
50
75
ns
NOTES : 1.Reverse Recovery Test Conditions :IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance junction to Lead.
SURFACE MOUNT
ULTRA FAST RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CTC0171 Ver. 1.0
1 of 2
US1A thru US1M
SMAE
H
J
E
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.081
.089
2.05
2.25
B.059
.075
1.50
1.90
C
.002
.010
0.05
0.25
D--
.008
---
.20
E
.030
.052
0.76
1.32
G.189
.209
4.80
5.30
H.159
.167
4.05
4.25
J
.094
.102
2.40
2.60


Similar Part No. - US1D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
US1D DIOTEC-US1D Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
Pan Jit International I...
US1D PANJIT-US1D Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
DONGGUAN YOU FENG WEI E...
US1D YFWDIODE-US1D Datasheet
731Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1D DIODES-US1D Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Won-Top Electronics
US1D WTE-US1D Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - US1D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
US1A EIC-US1A Datasheet
67Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
US2A JUXING-US2A Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
US3ABF JUXING-US3ABF Datasheet
620Kb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
US2A JUXING-US2A_18 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
US3A JUXING-US3A_18 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
US2A_18 JUXING-US2A_18_03 Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
DHE1A JUXING-DHE1A_19 Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Weitron Technology
US2A WEITRON-US2A Datasheet
118Kb / 3P
   Surface Mount Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
MAHE0.5A JUXING-MAHE0.5A Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com