Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM1001-QH Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # XM1001-QH
Description  Image Reject Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XM1001-QH Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  XM1001-QH_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XM1001-QH_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XM1001-QH_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XM1001-QH_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XM1001-QH_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XM1001-QH_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
Image Reject Mixer
10.0-33.0 GHz
XM1001-QH
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
App Note [3] USB/LSB Selection -
USB
LSB
IF1
IF2
For Upper Side Band Operation (USB): With IF1
and IF2 connected to the direct port (0º) and cou-
pled port (90º) respectively as shown in the dia-
gram, the USB signal will reside on the isolated
port. The input port must be loaded with 50 ohms.
For Lower Side Band Operation (LSB): With IF1
and IF2 connected to the direct port (0º) and cou-
pled port (90º) respectively as shown in the dia-
gram, the LSB signal will reside on the input port.
The isolated port must be loaded with 50 ohms.
Note: The coupled port can be used as an alterna-
tive input but the port location of the Coupled and
Direct ports reverse.
An alternate method of Selection of USB or LSB:
-90o
In Phase Combiner
USB
In Phase Combiner
LSB
-90o
IF2
IF1
IF2
IF1


Similar Part No. - XM1001-QH_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-QH-0G00 MIMIX-XM1001-QH-0G00 Datasheet
290Kb / 5P
   10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
XM1001-QH-0G00 MIMIX-XM1001-QH-0G00 Datasheet
307Kb / 6P
   10.0-33.0 GHz Image Reject Mixer QFN, 4x4 mm
XM1001-QH-0G0T MIMIX-XM1001-QH-0G0T Datasheet
290Kb / 5P
   10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
XM1001-QH-0G0T MIMIX-XM1001-QH-0G0T Datasheet
307Kb / 6P
   10.0-33.0 GHz Image Reject Mixer QFN, 4x4 mm
XM1001-QH-EV1 MIMIX-XM1001-QH-EV1 Datasheet
290Kb / 5P
   10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
More results

Similar Description - XM1001-QH_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Mini-Circuits
JCIR-4MH MINI-JCIR-4MH Datasheet
313Kb / 2P
   Image Reject Mixer
JCIR-152H MINI-JCIR-152H Datasheet
380Kb / 2P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD_15 Datasheet
1Mb / 11P
   Fundamental Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD_15 Datasheet
919Kb / 9P
   Fundamental Image Reject Mixer
logo
Spectrum Microwave, Inc...
IRM5XMS-1 SPECTRUM-IRM5XMS-1 Datasheet
994Kb / 1P
   Image Reject Mixer / SSB Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com