Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1B Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RS1B
Description  SURFACE MOUNTED FAST RECOVERY RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RS1B Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RS1B Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
RS1A THRU RS1M
SURFACE MOUNTED FAST RECOVERY RECTIFIER
VOLTAGE: 50 TO 1000V
CURRENT: 1.0A
Features
SMA/DO-214AC
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain relief
High surge capability
High temperature soldering guaranteed
250℃/10sec/at terminal/complete device
Fast recovery time for high efficiency
Mechanical data
Cases: Molded with UL-94 class V-0 recognized Flame Retardant
Epoxy
Terminals: Plated axial leads solderable MIL-STD 202E, method
208C
Polarity: Color band denote cathode end
Weight:0.002 ounce, 0.064 gram
Maximum ratings and electrical characteristics
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbols RS1A
RS1B
RS1D
RS1G
RS1J
RS1K
RS1M
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
550
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
3/8” lead length at TL=100℃
IF(AV)
1.0
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
IFSM
30.0
A
Maximum instantaneous forward voltage at
rated forward current
VF
1.3
V
Maximum DC reverse current Ta=25℃
At rated DC blocking voltage Ta=125℃
IR
5.0
1000.00
µA
µA
Maximum Reverse Recovery Time
Trr
150
250
500
nS
Typical junction capacitance
CJ
10.0
pF
Typical thermal resistance
RJA
32.0
/W
Storage and operating junction temperature
TSTG
-50 to +150
Notes: 1. Measured at 1.0MHz and applied voltage of 4.0Vdc
2. Thermal resistance from junction to terminal mounted on 5×5mm copper pad area
3. Reverse recovery condition If=1.0A,Irr=0.25A
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RS1A THRU RS1M
RoHS


Similar Part No. - RS1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1B PANJIT-RS1B Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Yangzhou yangjie electr...
RS1B YANGJIE-RS1B Datasheet
182Kb / 2P
   Fast Recovery Rectifier
RS1B YANGJIE-RS1B Datasheet
133Kb / 2P
   Fast Recovery Rectifier
logo
Fuji Electric
RS1B FUJI-RS1B Datasheet
724Kb / 1P
   1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
RS1B FS-RS1B Datasheet
347Kb / 2P
   For surface mounted application
More results

Similar Description - RS1B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
RS1A-SMA WINNERJOIN-RS1A-SMA Datasheet
158Kb / 1P
   SURFACE MOUNTED FAST RECOVERY RECTIFIER
RS2A WINNERJOIN-RS2A Datasheet
107Kb / 1P
   SURFACE MOUNTED FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
   1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FRS3A ETC-FRS3A Datasheet
49Kb / 2P
   3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FRS2A ETC1-FRS2A Datasheet
48Kb / 2P
   1.5 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
logo
SHENZHEN YONGERJIA INDU...
ES1A WINNERJOIN-ES1A Datasheet
158Kb / 1P
   SURFACE MOUNTED SUPER FAST RECTIFIER
ES1A WINNERJOIN-ES1A_15 Datasheet
158Kb / 1P
   SURFACE MOUNTED SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com