Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1017-BD Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # XP1017-BD
Description  Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1017-BD Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  XP1017-BD_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
S-Parameters (On-Wafer1)
30.0-36.0 GHz GaAs MMIC
Power Amplifier
P1017-BD
Note [1] S-Parameters – Measurements are referenced 150 um in from RF In/Out pad edge.
Typical S-Parameter Data for XP1017-BD
Vd=4.5 V Id=440 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
20.0
0.035
143.45
0.552
106.42
0.0013
81.96
0.076
-38.79
21.0
0.045
120.38
0.621
82.11
0.0006
49.28
0.062
-54.34
22.0
0.046
96.68
0.716
58.00
0.0002
-162.91
0.055
-61.25
23.0
0.039
55.14
0.863
30.85
0.0002
57.19
0.045
-61.94
24.0
0.036
-2.38
1.047
5.90
0.0002
30.59
0.045
-67.57
25.0
0.060
-49.21
1.301
-19.84
0.0010
-6.93
0.047
-62.86
26.0
0.098
-75.33
1.669
-46.88
0.0004
-78.85
0.052
-56.48
27.0
0.158
-99.96
2.217
-76.47
0.0007
-136.58
0.064
-64.64
28.0
0.238
-124.99
3.015
-110.45
0.0014
-143.25
0.077
-84.17
29.0
0.305
-155.07
4.231
-154.09
0.0008
80.24
0.070
-90.87
30.0
0.325
173.98
5.329
160.52
0.0020
54.78
0.061
-105.01
31.0
0.264
149.89
6.094
113.79
0.0027
13.77
0.052
-97.64
32.0
0.201
141.81
6.446
67.68
0.0039
-42.05
0.060
-84.83
33.0
0.188
135.83
6.589
23.01
0.0065
-77.38
0.066
-82.88
34.0
0.169
129.91
6.724
-21.54
0.0077
-134.57
0.097
-94.94
35.0
0.133
111.93
6.964
-73.84
0.0119
-165.68
0.096
-105.59
36.0
0.091
123.68
6.782
-128.22
0.0146
150.10
0.087
-123.55
37.0
0.031
139.91
5.422
174.85
0.0131
98.61
0.079
-126.09
38.0
0.112
-140.66
3.615
125.28
0.0099
57.52
0.062
-116.87
39.0
0.219
-163.56
2.361
84.27
0.0066
28.10
0.069
-102.04
40.0
0.268
177.29
1.565
49.07
0.0066
7.16
0.086
-102.40
41.0
0.325
155.59
1.014
13.09
0.0048
-39.25
0.152
-109.34
42.0
0.310
146.66
0.734
-17.25
0.0013
-2.65
0.120
-103.15
43.0
0.318
132.74
0.525
-46.73
0.0042
-122.63
0.130
-113.72
44.0
0.349
119.58
0.376
-76.16
0.0015
-135.53
0.135
-122.34
45.0
0.329
107.79
0.270
-100.41
0.0046
-56.04
0.135
-123.61
46.0
0.295
90.26
0.201
-129.59
0.0027
-179.01
0.153
-111.42
47.0
0.307
73.65
0.141
-157.28
0.0041
-84.07
0.177
-122.44
48.0
0.238
58.55
0.109
169.47
0.0036
-68.32
0.217
-128.05
49.0
0.192
35.17
0.079
146.81
0.0026
125.00
0.248
-142.42
50.0
0.175
21.75
0.060
121.60
0.0051
126.47
0.289
-155.49
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 23-Jan-10


Similar Part No. - XP1017-BD_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1017-BD MIMIX-XP1017-BD_10 Datasheet
1Mb / 8P
   30.0-36.0 GHz GaAs MMIC
More results

Similar Description - XP1017-BD_15

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com