Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM05RA06 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # CM05RA06
Description  Leaded Common Mode Choke Coils for DC and Signal lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CM05RA06 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CM05RA06 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS
Leaded Common Mode Choke Coils for DC and Signal lines
CM05RA06
Features
Item Summary
1.5A, Leaded
Lifecycle Stage
Standard packaging quantity (minimum)
Bulk 500pcs
Products characteristics table
External Dimensions
-(-) × 6.5(max)mm
Impedance
700Ω
Impedance Measuring Frequency
200MHz
Inductance
0.7μH(- to -)
Inductance Measuring Frequency
1kHz
DC Resistance (max)
0.05Ω
Rated Current
1.5A
Resistance
100MΩ min.
RoHS Compliance
Yes
Soldering Method
Wave
External Dimensions
L
- -
W
6.5mm max
T
3mm max
2015.06.01
1 / 1


Similar Part No. - CM05RA06

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB03 TAIYO-YUDEN-CM05RB03 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RC01T TAIYO-YUDEN-CM05RC01T Datasheet
872Kb / 10P
   COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
CM05RC02T TAIYO-YUDEN-CM05RC02T Datasheet
872Kb / 10P
   COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
CM05RC03T TAIYO-YUDEN-CM05RC03T Datasheet
872Kb / 10P
   COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
More results

Similar Description - CM05RA06

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BU08RA11 TAIYO-YUDEN-BU08RA11 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB802WK1 TAIYO-YUDEN-TLF9UB802WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH203WK1 TAIYO-YUDEN-TLF9UBH203WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB01 TAIYO-YUDEN-CM08RB01 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB05 TAIYO-YUDEN-CM08RB05 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RA17 TAIYO-YUDEN-CM08RA17 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
BU08RA16 TAIYO-YUDEN-BU08RA16 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB03 TAIYO-YUDEN-CM05RB03 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB04 TAIYO-YUDEN-CM08RB04 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com