Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1069-7 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1069-7
Description  Linear Phase 8th Order Lowpass Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-7 Datasheet(HTML) 3 Page - Linear Technology

  LTC1069-7 Datasheet HTML 1Page - Linear Technology LTC1069-7 Datasheet HTML 2Page - Linear Technology LTC1069-7 Datasheet HTML 3Page - Linear Technology LTC1069-7 Datasheet HTML 4Page - Linear Technology LTC1069-7 Datasheet HTML 5Page - Linear Technology LTC1069-7 Datasheet HTML 6Page - Linear Technology LTC1069-7 Datasheet HTML 7Page - Linear Technology LTC1069-7 Datasheet HTML 8Page - Linear Technology LTC1069-7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LTC1069-7
3
10697fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Phase Deviation = 1/2(Phase at 0Hz – Phase at fCUTOFF) – (Phase
at 0Hz – Phase at 0.5fCUTOFF)
Phase at 0Hz = 180° (guaranteed by design)
ELECTRICAL CHARACTERISTICS The l denotes specifications which apply over the full operating
temperature range. fCUTOFF is the filter’s cutoff frequency and is equal to fCLK/25. The fCLK signal level is TTL or CMOS (max clock rise
or fall time ≤ 1μs), RL = 10k, TA = 25°C, unless otherwise specified. All AC gains are measured relative to the passband gain.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain at 1.5fCUTOFF
VS = ± 5V, fCLK = 2.5MHz
fTEST = 150kHz, VIN = 1VRMS
–19
–16.5
–14
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 30kHz, VIN = 0.5VRMS
–20
–18.1
–17
dB
dB
Gain at 2.0fCUTOFF
VS = ± 5V, fCLK = 2.5MHz
fTEST = 200kHz, VIN = 1VRMS
–55
–43
–38
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 40kHz, VIN = 0.5VRMS
–48
–41
–39
dB
dB
Gain at 5.0fCUTOFF
VS = 4.75V, fCLK = 500kHz
fTEST = 100kHz, VIN = 0.5VRMS
–70
–59
–55
dB
Gain at fCUTOFF (160kHz)
VS = ±5V, fCLK = 4MHz
fTEST = 160kHz, VIN = 1VRMS
–2.1
dB
Phase at 0.5fCUTOFF
VS = ±5V, fCLK = 2.5MHz
fTEST = 50kHz
–35
–30.5
–25
Deg
Phase at fCUTOFF
VS = ±5V, fCLK = 2.5MHz
fTEST = 100kHz
–240
–235
–230
Deg
Passband Phase Deviation from
Linear Phase (Note 1)
VS = ±5V, fCLK = 500kHz
–3.0
Deg
Output DC Offset (Input at GND)
VS = ±5V, fCLK = 500kHz
VS = 4.75V, fCLK = 400kHz
50
25
125
mV
mV
Output Voltage Swing
VS = ±5V, ISOURCE/ISINK ≤ 1mA, RL = 10k
VS = 4.75V, ISOURCE/ISINK ≤ 1mA, RL = 10k
l
l
±3.5
2.6
±4.0
3.6
V
VP-P
Power Supply Current
VS = ± 5V, fCLK = 500kHz
l
18
26
29
mA
mA
VS = 4.75V, fCLK = 400kHz
l
13
15
16.5
mA
mA
Example: An LTC1069-7 has Phase at 0.5fCUTOFF = – 30.5° and Phase at
fCUTOFF = –235°.
Passband Phase Deviation from Linear Phase
= 1/2[180° – (–235°)] – [(180° – (–30.5°)] = –3°


Similar Part No. - LTC1069-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LTC1069-7C LINER-LTC1069-7C Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LTC1069-7CS8 LINER-LTC1069-7CS8 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LTC1069-7I LINER-LTC1069-7I Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LTC1069-7IS8 LINER-LTC1069-7IS8 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
More results

Similar Description - LTC1069-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com