Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1164-8
Description  Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1164-8 Datasheet HTML 1Page - Linear Technology LTC1164-8 Datasheet HTML 2Page - Linear Technology LTC1164-8 Datasheet HTML 3Page - Linear Technology LTC1164-8 Datasheet HTML 4Page - Linear Technology LTC1164-8 Datasheet HTML 5Page - Linear Technology LTC1164-8 Datasheet HTML 6Page - Linear Technology LTC1164-8 Datasheet HTML 7Page - Linear Technology LTC1164-8 Datasheet HTML 8Page - Linear Technology LTC1164-8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1164-8
11648fb
Total Supply Voltage (V + to V ) .......................... 16.5V
Power Dissipation ............................................. 700mW
Burn-In Voltage ................................................... 16.5V
Voltage at Any Input .... (V – 0.3V)
≤ VIN ≤ (V+ + 0.3V)
Operating Temperature Range* .................. 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE MAXIMUM RATINGS
Maximum Clock Frequency
VS = ±7.5V .................................................... 720kHz
VS = ±5V ....................................................... 540kHz
VS = Single 5V ............................................... 430kHz
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
ELECTRICAL CHARACTERISTICS (See Test Circuit)
TA = 25°C, Center Frequency = fCLK/100, fCLK = 100kHz (the clock signal is a TTL or CMOS square wave, clock rise or fall time ≤ 1μs),
the AC test signal level is 1VRMS for VS = ±5V or 0.5VRMS for VS = ±2.375V, unless otherwise specified.
Consult factory for Industrial and Military grade parts.
*For an extended operating temperature range contact LTC Marketing for
details.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain at Center Frequency
VS = ±2.375V
fIN = 1000Hz
– 3
0
± 1.5
3
dB
–4
0
± 2.0
4
dB
VS = ±5V
fIN = 1000Hz
– 3
0
± 1.5
3
dB
–4
0
± 2.0
4
dB
Gain at 0.995 • Center Frequency and
VS = ±2.375V
fIN = 995Hz
–9
3
dB
1.005 • Center Frequency
fIN = 1005Hz
–9
3
dB
(Referenced to Gain at Center Frequency)
VS = ±5V
fIN = 995Hz
– 3
±2dB
fIN = 1005Hz
– 3
±2dB
Lower Stopband Attenuation
VS = ±2.375V
fIN = 960Hz (Note 1)
– 48
– 52
dB
(Referenced to Gain at Center Frequency)
fIN = 800Hz
– 50
– 52
– 58
dB
–48
– 60
dB
VS = ±5V
fIN = 960Hz (Note 1)
– 48
– 52
dB
fIN = 800Hz
– 52
dB
LTC1164-8CN
TJMAX = 110°C, θJA = 65°C/ W
TJMAX = 110°C, θJA = 85°C/ W
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
NC
INVB
AGND
V+
AGND
NC
INVA
R(h, l)
NC
V
fCLK
NC
IOUT
NC
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
16
15
14
13
12
11
10
9
NC
INVB
AGND
V+
AGND
NC
NC
INVA
R(h, l)
NC
V
NC
fCLK
NC
NC
IOUT
LTC1164-8CSW


Similar Part No. - LTC1164-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-8 LINER-LTC1164-8 Datasheet
279Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8CN LINER-LTC1164-8CN Datasheet
279Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8CSW LINER-LTC1164-8CSW Datasheet
279Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_09 Datasheet
361Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
More results

Similar Description - LTC1164-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-8 LINER-LTC1164-8 Datasheet
279Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_09 Datasheet
361Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com