Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1035-QH Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # XP1035-QH
Description  Linear Power AmplifierQFN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1035-QH Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  XP1035-QH_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1035-QH_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1035-QH_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1035-QH_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1035-QH_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1035-QH_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1035-QH_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these
by-products are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this product.This product must be discarded in
accordance with methods specified by applicable hazardous waste procedures.
Electrostatic Sensitive Device -
Observe all necessary precautions when handling.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life
support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible
with high volume solder installation. Vacuum tools or other suitable pick and place equipment may be used to pick and place this
part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF, DC and ground
connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation, but reduced reliability and
life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant
components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is
100% matte tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as
well as higher temperature (260°C reflow) “Pb Free” processes.
Part Number for Ordering
Description
XP1035-QH-0G00
Matte Tin plated RoHS compliant 4x4 24L QFN surface mount package in bulk quantity
XP1035-QH-0G0T
Matte Tin plated RoHS compliant 4x4 24L QFN surface mount package in tape and reel
XP1035-QH-EV1
XP1035-QH evaluation board
Typical Reflow Profiles
Reflow Profile
Ramp Up Rate
Activation Time and Temperature
Time Above Melting Point
Max Peak Temperature
Time Within 5 ºC of Peak
Ramp Down Rate
SnPb
3-4 ºC/sec
60-120 sec @ 140-160 ºC
60-150 sec
240 ºC
10-20 sec
4-6 ºC/sec
Pb Free
3-4 ºC/sec
60-180 sec @ 170-200 ºC
60-150 sec
265 ºC
10-20 sec
4-6 ºC/sec
P1035-QH
5.9-9.5 GHz Linear Power Amplifier
QFN, 4x4mm
Caution: ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Proper ESD procedures should be followed when handling this device.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 17-Feb-10


Similar Part No. - XP1035-QH_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH_10 Datasheet
860Kb / 7P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
logo
M/A-COM Technology Solu...
XP1035-QH MA-COM-XP1035-QH_16 Datasheet
882Kb / 8P
   Power Amplifier
More results

Similar Description - XP1035-QH_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1035-QH MA-COM-XP1035-QH Datasheet
860Kb / 7P
   105.9-9.5 GHz Linear Power AmplifierQFN, 4x4mm
logo
Analog Devices
AD8393 AD-AD8393_15 Datasheet
89Kb / 1P
   Adaptive Linear Power
REV. SpA
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
   LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
   LINEAR POWER AMPLIFIER
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
logo
Power-One
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
   Linear Power Amplifier
logo
RF Micro Devices
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
   LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
   LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
   Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com