Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC817-25LT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LBC817-25LT1G
Description  General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC817-25LT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LBC817-25LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBC817-25LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBC817-25LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LBC817-25LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LBC817-25LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LBC817-25LT1G_15 Datasheet HTML 6Page - Leshan Radio Company LBC817-25LT1G_15 Datasheet HTML 7Page - Leshan Radio Company LBC817-25LT1G_15 Datasheet HTML 8Page - Leshan Radio Company LBC817-25LT1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL CHARACTERISTICS − LBC817−16LT1G
IB, BASE CURRENT (mA)
Figure 5. Saturation Region
100
10
1
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Temperature Coefficients
+1
IC, COLLECTOR CURRENT (mA)
Figure 7. Capacitances
0.1
1
1
10
100
1000
-2
-1
0
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
10
100
1
10
100
TJ = 25°C
IC = 10 mA
qVC for VCE(sat)
qVB for VBE
Cob
Cib
100 mA
300 mA
500 mA
Rev.O 4/10
LBC817-16LT1G LBC817-25LT1G LBC817-40LT1G
S-LBC817-16LT1G S-LBC817-25LT1G S-LBC817-40LT1G


Similar Part No. - LBC817-25LT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC817-25LT1G LRC-LBC817-25LT1G Datasheet
58Kb / 3P
   General Purpose Transistors NPN Silicon
LBC817-25LT1G LRC-LBC817-25LT1G Datasheet
287Kb / 10P
   General Purpose Transistors NPN Silicon
More results

Similar Description - LBC817-25LT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com