Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1327 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1327
Description  3.3V Micropower EIA/TIA-562 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1327 Datasheet(HTML) 2 Page - Linear Technology

  LTC1327_15 Datasheet HTML 1Page - Linear Technology LTC1327_15 Datasheet HTML 2Page - Linear Technology LTC1327_15 Datasheet HTML 3Page - Linear Technology LTC1327_15 Datasheet HTML 4Page - Linear Technology LTC1327_15 Datasheet HTML 5Page - Linear Technology LTC1327_15 Datasheet HTML 6Page - Linear Technology LTC1327_15 Datasheet HTML 7Page - Linear Technology LTC1327_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1327
Supply Voltage (VCC) ................................................. 5V
Input Voltage
Driver ...................................... – 0.3V to (VCC + 0.3V)
Receiver ................................................ – 25V to 25V
On/Off Pin ............................... –0.3V to (VCC + 0.3V)
Output Voltage
Driver .................................................... –25V to 25V
Receiver ................................. –0.3V to (VCC + 0.3V)
Short-Circuit Duration
V + ................................................................................... 30 sec
V – ................................................................................... 30 sec
Driver Output ............................................. Indefinite
Receiver Output ......................................... Indefinite
Operating Temperature Range
Commercial LTC1327C .......................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°c to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
LTC1327CG
LTC1327CN
LTC1327CS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
VCC
C1+
C1
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
ON/OFF
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
C2+
C2
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
GND
NC
NC
N PACKAGE
28-LEAD PLASTIC DIP
TOP VIEW
S PACKAGE
28-LEAD PLASTIC SOL
G PACKAGE
28-LEAD SSOP
TJMAX = 125°C, θJA = 96°C/ W (G)
TJMAX = 125°C, θJA = 56°C/ W (N)
TJMAX = 125°C, θJA = 85°C/ W (S)
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
VCC = 3.3V, C1 to C4 = 0.1µF, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
C
D
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
Positive
q
3.7
4.5
V
Negative (3k to GND)
q
– 3.7
– 4.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2
1.4
V
Logic Input Current
VIN = 3.3
q
5
µA
VIN = 0
q
–5
µA
Output Short-Circuit Current
VOUT = 0V
±7mA
Output Leakage Current
SHUTDOWN (Note 3), VOUT = ±20V
±10
±500
µA
Any Receiver
Input Voltage Thresholds
Input Low Threshold
q
0.8
1.3
V
Input High Threshold
q
1.7
2.4
V
Hysteresis
q
0.1
0.4
1
V
Input Resistance
VIN = ±10V
3
5
7
k
Output Voltage
Output Low, IOUT = – 1.6mA (VCC = 3.3V)
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 3.3V)
q
3
3.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–2
–10
mA
Output Leakage Current
SHUTDOWN (Note 3), 0
≤ VOUT ≤ VCC
q
110
µA


Similar Part No. - LTC1327_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1327CG LINER-LTC1327CG Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327CN LINER-LTC1327CN Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327CS LINER-LTC1327CS Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
More results

Similar Description - LTC1327_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
   3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
logo
Linear Technology
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
logo
Maxim Integrated Produc...
MAX563 MAXIM-MAX563 Datasheet
70Kb / 8P
   3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
Rev 0; 10/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com