Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1514-5 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1514-5
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1514-5 Datasheet(HTML) 7 Page - Linear Technology

  LTC1514-5 Datasheet HTML 1Page - Linear Technology LTC1514-5 Datasheet HTML 2Page - Linear Technology LTC1514-5 Datasheet HTML 3Page - Linear Technology LTC1514-5 Datasheet HTML 4Page - Linear Technology LTC1514-5 Datasheet HTML 5Page - Linear Technology LTC1514-5 Datasheet HTML 6Page - Linear Technology LTC1514-5 Datasheet HTML 7Page - Linear Technology LTC1514-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1514-3.3/LTC1514-5
APPLICATIONS INFORMATION
resistor divider (see Figure 2). Since the low-battery
comparator is kept alive in shutdown, it may be used to
protect batteries against deep discharge by shutting
down the power supply when the battery voltage gets too
low. The open-drain comparator output allows for flex-
ible interfacing between the LBO output and external
logic. LBO pull-up resistors in the 50k to 1M range are
recommended.
TYPICAL APPLICATIONS N
3.3V Step-Up/Step-Down Supply with Power Good Output
1
2
3
4
8
7
6
5
SHDN
LBO
LBI
GND
VOUT
VIN
C1+
C1
LTC1514-3.3
VOUT = 3.3V ±4%
IOUT = 15mA, VIN > 2V
IOUT = 50mA, VIN > 3V
VIN
2V TO 8V
0.22
µF
499k
1%
10
µF
10
µF
806k
1%
100k
1514 TA05
ON OFF
POWER GOOD
3V VTRIP
+
+
Low Power Battery Backup Supply with Autoswitchover and No Reverse Current
1
2
3
4
8
7
6
5
SHDN
LBO
LBI
GND
VOUT
VIN
C1+
C1
LTC1514-5
5V BACKUP SUPPLY
IOUT = 15mA
0.1
µF
499k
MAIN
5V SUPPLY
10
µF
10
µF
3-CELL
NiCd BATTERY
TRICKLE CHARGE
AND LTC1514 IDD
499k
1%
1.5M
1%
499k
1514 TA03
4.6V VTRIP
TP0610T
+
+
BACKED-UP
CIRCUITRY
BAT54
1
2
3
4
8
7
6
5
SHDN
LBO
LBI
GND
VOUT
VIN
C1+
C1
LTC1514-5
MBR0520L
0.22
µF CHARGE PATH
499k
1%
3-CELL
NiCd
BATTERY
499k
1M
1%
6V
WALL
ADAPTER
INPUT
1514 TA06
EXTERNAL
POWER GOOD
5V
ON OFF
10
µF
+
22
µF
+
Battery/External Power Autoswitch Regulator
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1514-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Linear Integrated Syste...
LTC1514-X LINEAR-LTC1514-X Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
More results

Similar Description - LTC1514-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1515 LINER-LTC1515 Datasheet
233Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com