Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1565-31 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1565-31
Description  650kHz Continuous Time, Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1565-31 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1565-31 Datasheet HTML 4Page - Linear Technology LTC1565-31 Datasheet HTML 5Page - Linear Technology LTC1565-31 Datasheet HTML 6Page - Linear Technology LTC1565-31 Datasheet HTML 7Page - Linear Technology LTC1565-31 Datasheet HTML 8Page - Linear Technology LTC1565-31 Datasheet HTML 9Page - Linear Technology LTC1565-31 Datasheet HTML 10Page - Linear Technology LTC1565-31 Datasheet HTML 11Page - Linear Technology LTC1565-31 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC1565-31
9
156531fa
TYPICAL APPLICATIONS
Single-Ended Input/Output Dual Supply Filter
0.1μF
0.1μF
0.1μF
5V
R2
2.49k
+IN
–IN
GND
V
1
VIN
2
3
4
–5V
8
7
6
5
+OUT
–OUT
LTC1565-31
V+
SHDN
LT1809
4
6
0.1μF
0.1μF
1565-31 TA09
VOUT
2.49k
7
5V
–5V
2
3
4.99k
4.99k
NOTE: FOR SINGLE 5V SUPPLY CONNECTION, PIN 4 (LTC1565-31)
AND PIN 4 (LT1809) SHOULD BE GROUNDED AND RESISTOR R2
SHOULD BE DC BIASED AT APPROXIMATELY 2.5V
(SEE TEST CIRCUIT FOR SINGLE SUPPLY OPERATION)
A Fully Differential Filter with Adjustable Output Common Mode Voltage
0.1μF
0.1μF
–3V ≤ VOUT(CM) ≤ 3V
*–3.4V ≤ VIN(CM) ≤ 2.5V
VIN(CM) CAN BE EQUAL OR
DIFFERENT FROM VOUT(CM)
NOTE: FOR SINGLE 5V SUPPLY OPERATION,
PIN 4 (LTC1565-31), PIN 4 (LT1812) AND
RESISTOR R2 SHOULD BE GROUNDED
5V
+IN
–IN
GND
V
1
VIN
+*
VIN
*
VOUT
+
VOUT
2
3
4
–5V
8
7
6
5
+OUT
–OUT
LTC1565-31
V+
SHDN
LT1812
4
6
0.1μF
0.1μF
100pF
0.1μF
1565-31 TA10
7
5V
–5V
2
3
V+
V
R1
R2
V+
(V+ – V)R2
R1 + R2
VOUT(CM) =


Similar Part No. - LTC1565-31

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1565-31 LINER-LTC1565-31 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
More results

Similar Description - LTC1565-31

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
logo
KR Electronics, Inc.
2160-8-50 KR-2160-8-50 Datasheet
25Kb / 1P
   Linear Phase Lowpass Filter
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
logo
KR Electronics, Inc.
2158-8-50 KR-2158-8-50 Datasheet
26Kb / 1P
   Linear Phase Lowpass Filter
logo
Linear Technology
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com