Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XX1001-QK Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # XX1001-QK
Description  Doubler and Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1001-QK Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  XX1001-QK_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XX1001-QK_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
Doubler and Power Amplifier
18.0-21.0/36.0-42.0 GHz
XX1001-QK
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
App Note [1] Biasing - Please refer to the application diagram below for recommended biasing information.
The table below shows the recommended drain currents for each stage.
Bias Application Schematic
Pin
Voltage (V)
Current (mA)
Comment
VD1
2.5
<1
Drain Bias (Doubler)
VD2
3.0
20
Drain Bias (Buffer Amplifier)
VD3,4,5
4.5
260
Drain Bias (Power Amplifier)
VD6
4.5
270
Drain Bias (Power Amplifier—final stage)
It is possible to bias each stage separately for greater bias control with the following conditions: Id1<1mA,
Id2=20mA, Id3=40mA, Id4=70mA, Id5=150mA, Id6=270mA. It is recommended to use active biasing to keep the
currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on
the supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a
low power operational amplifier, with a low value resistor in series with the drain supply used to sense the cur-
rent. The gate of the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical
gate voltage needed to do this is -0.7V. Typically the gate is protected with Silicon diodes to limit the applied
voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is available before apply-
ing the positive drain supply.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
21
22
23
24
25
26
27
28
RFIN
RFOUT
XX1001-QK
Vg1 (-0.7V)
10 nF
1 µF
+
10 nF
1 µF
+
10 nF
1 µF
+
10 nF
1 µF
+
Vd1 (+2.5V)
Vg3,4,5 (-1.2V)
Vg6 (-1.2V)
10 nF
1 µF +
10 nF
1 µF
+
10 nF
1 µF
+
10 nF
1 µF
+
Vg2 (-0.5V)
Vd2 (+3V)
Vd3,4,5 (+ 4.5V)
Vd6 (+ 4.5V)


Similar Part No. - XX1001-QK_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1001-QK-0L00 MIMIX-XX1001-QK-0L00 Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L00 MIMIX-XX1001-QK-0L00 Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L0T MIMIX-XX1001-QK-0L0T Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L0T MIMIX-XX1001-QK-0L0T Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
logo
M/A-COM Technology Solu...
XX1001-QK-0N00 MA-COM-XX1001-QK-0N00 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
More results

Similar Description - XX1001-QK_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD_15 Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001 MA-COM-XX1001 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
logo
PREMIER DEVICES, INC.
D10040230P1 PDI-D10040230P1 Datasheet
134Kb / 4P
   Hybrid Power Doubler amplifier module
logo
TriQuint Semiconductor
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
   38 to 77 GHz Doubler and Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com