Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1682-5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1682-5
Description  Doubler Charge Pumps with Low Noise Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1682-5 Datasheet(HTML) 5 Page - Linear Technology

  LTC1682-5_15 Datasheet HTML 1Page - Linear Technology LTC1682-5_15 Datasheet HTML 2Page - Linear Technology LTC1682-5_15 Datasheet HTML 3Page - Linear Technology LTC1682-5_15 Datasheet HTML 4Page - Linear Technology LTC1682-5_15 Datasheet HTML 5Page - Linear Technology LTC1682-5_15 Datasheet HTML 6Page - Linear Technology LTC1682-5_15 Datasheet HTML 7Page - Linear Technology LTC1682-5_15 Datasheet HTML 8Page - Linear Technology LTC1682-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1682/LTC1682-3.3/LTC1682-5
VOUT (Pin 1): Low Noise Regulated Output Voltage. VOUT
should be bypassed with a
≥2µF low ESR capacitor as
close to the pin as possible for best performance. The VOUT
range is 2.5V to 5.5V.
SHDN (Pin 2): Shutdown Input. A logic low on the SHDN
pin puts the part in shutdown mode. A logic high enables
the part. To continuously enable the part connect SHDN to
VIN. When the part is in shutdown, VOUT will be connected
to ground via a 100
Ω switch and CPO will be high
impedance disconnected from VIN.
FB (Pin 3) (LTC1682): The voltage on this pin is compared
to the internal reference voltage (1.235V) by the error
amplifier to keep the output in regulation. An external
resistor divider is required between VOUT and FB to adjust
the output voltage.
FILT (Pin 3) (LTC1682-3.3/LTC1682-5): This pin is used
to filter the internal voltage reference. Typically a 1nF
capacitor is connected from FILT to ground.
GND (Pin 4): System Ground.
C (Pin 5): Flying Capacitor Negative Input.
VIN (Pin 6): Input Voltage, 1.8V to 4.4V. VIN should be
bypassed with a
≥2µF low ESR capacitor as close to the
pin as possible for best performance. A minimum capaci-
tance value of 0.1
µF is required.
C+ (Pin 7): Flying Capacitor Positive Input.
CPO (Pin 8): Unregulated Charge Pump Output Voltage.
Approximately 1.95(VIN) at low loads. Bypass with a ≥ 2µF
low ESR capacitor. If a minimum VOUT enable time is
required, the CPO capacitor should be 2
× the VOUT
capacitor.
PIN FUNCTIONS
TEMPERATURE (
°C)
–50
5.030
5.020
5.010
5.000
4.990
3.340
3.330
3.320
3.310
3.300
3.290
1.238
1.240
1.236
1.234
1682 G09
–25
25
50
125
0
75
100
LTC1682
LTC1682-3.3
LTC1682-5
VIN = 3V
IOUT = 10mA
VOUT Voltage vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT CURRENT (mA)
0
4.994
4.993
3.300
4.997
4.996
4.995
5.000
4.999
4.998
15
25
40 45 50
1682 G10
3.299
3.298
3.297
3.296
3.295
3.294
510
20
30 35
VIN = 3.3V
TA = 25°C
LTC1682-5
LTC1682-3.3
VOUT Voltage vs Output Current


Similar Part No. - LTC1682-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
More results

Similar Description - LTC1682-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
logo
California Micro Device...
CM3702 CALMIRCO-CM3702 Datasheet
445Kb / 11P
   Micropower Low-Noise Charge-Pump and Linear Regulator
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com