Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1706-81 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1706-81
Description  5-Bit Desktop VID Voltage Programmer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706-81 Datasheet(HTML) 2 Page - Linear Technology

  LTC1706-81 Datasheet HTML 1Page - Linear Technology LTC1706-81 Datasheet HTML 2Page - Linear Technology LTC1706-81 Datasheet HTML 3Page - Linear Technology LTC1706-81 Datasheet HTML 4Page - Linear Technology LTC1706-81 Datasheet HTML 5Page - Linear Technology LTC1706-81 Datasheet HTML 6Page - Linear Technology LTC1706-81 Datasheet HTML 7Page - Linear Technology LTC1706-81 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1706-81
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1706-81 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Supply Voltage Range
2.7
5.5
V
IVCC
Supply Current
(Note 3)
0.1
5
µA
RFB-SENSE
Resistance Between SENSE and FB
q
12
20
28
k
VOUT Error % Output Voltage Accuracy
Programmed from 1.3V to 2.05V (VID4 = 0)
q
– 0.25
+ 0.25
%
Programmed from 2.1V to 3.5V (VID4 = 1)
q
– 0.35
+ 0.25
%
RPULLUP
VID Input Pull-Up Resistance
VDIODE = 0.6V (Note 4)
40
k
VIDTH
VID Input Voltage Threshold
VIL (2.7V ≤ VCC ≤ 5.5V)
0.4
V
VIH (2.7V ≤ VCC ≤ 5.5V)
1.6
V
IVID-LEAK
VID Input Leakage Current
VCC < VID < 7V (Note 4)
0.01
±1
µA
VPULLUP
VID Pull-Up Voltage
VCC = 3.3V
2.8
V
VCC = 5V
4.5
V
LTC1706EMS-81
TJMAX = 110°C, θJA = 120°C/ W
(Note 1)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
Consult factory for Industrial and Military grade parts.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
2.7V
≤ VCC ≤ 5.5V, VID0 = VID1 = VID2 = VID3 = VID4 = NC unless otherwise specified.
(Voltages Referred to GND Pin)
Input Supply Voltage (VCC) ..........................– 0.3V to 7V
VID Input Pins .............................................– 0.3V to 7V
SENSE Pin ...................................................– 0.3V to 7V
FB Pin .......................................................... – 0.3V to 7V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature ........................................... 110
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
5
VID0
VID1
VID2
VID3
VCC
10
9
8
7
6
FB
GND
NC
VID4
SENSE
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
ORDER PART
NUMBER
MS10
PART MARKING
LTLR
Note 3: With all five VID inputs floating, the VCC supply current is simply
the device leakage current. However, the VCC supply current will rise and
be approximately equal to the number of grounded VID input pins times
(VCC – 0.6V)/40k. (See the VID Input Characteristics section for more
details.)
Note 4: Each built-in pull-up resistor attached to the VID inputs also has a
series diode connected to VCC to allow input voltages higher than the VCC
supply without damage or clamping. (See Operation section for further
details.)


Similar Part No. - LTC1706-81

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-81 LINER-LTC1706-81 Datasheet
148Kb / 8P
   5-Bit Desktop VID Voltage Programmer
More results

Similar Description - LTC1706-81

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-81 LINER-LTC1706-81 Datasheet
148Kb / 8P
   5-Bit Desktop VID Voltage Programmer
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
logo
Linear Technology
LTC1706-63 LINER-LTC1706-63_15 Datasheet
174Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-61 LINER-LTC1706-61_15 Datasheet
187Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
LTC1706-61 LINER-LTC1706-61 Datasheet
182Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com