Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRA722T Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KRA722T
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA722T Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KRA722T Datasheet HTML 1Page - KEC(Korea Electronics) KRA722T Datasheet HTML 2Page - KEC(Korea Electronics) KRA722T Datasheet HTML 3Page - KEC(Korea Electronics) KRA722T Datasheet HTML 4Page - KEC(Korea Electronics) KRA722T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2002. 7. 9
4/5
KRA721T~KRA726T
Revision No : 2
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1
-0.3
-1
-3
-0.3
O
I(ON)
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
-10
-30 -100 -300 -1k
-0.5
-1
-3
-5
-10
-30
-50
-100
-300
-500
INPUT OFF VOLTAGE V
(V)
-0.4
I(OFF)
-30
I
- V
KRA723T
-1
-100
-10
-30
-50
-5
-1
-3
-0.5
-0.3
-0.1
-0.3
-300
-500
KRA724T
-100
-10
-3
-30
-1k
-300
O
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
-0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0
-50
-100
-300
-500
-1k
-3k
-5k
KRA723T
-0.8
-100
-300
-50
-30
-0.4 -0.6
-1.6
-1.2
-1.0
-1.4
-1.8 -2.0
-5k
-500
-3k
-1k
KRA724T
G
- I
O
OUTPUT CURRENT I
(mA)
-1
-3
-10
-30
300
1
30
IO
G
- I
O
OUTPUT CURRENT I
(mA)
IO
-100
-300
-1k
3
5
10
50
100
KRA723T
-300
-1
-3
-30
-10
-100
100
10
50
30
KRA724T
300
-1k
500
1k
3k
V =-0.3V
O
V =-0.3V
O
Ta=25 C
Ta=-25 C
V =-5V
O
V =-5V
O
O
V =-5V
Ta=100
C
Ta=25 C
Ta=-25 C
V =-5V
O
Ta=-25 C
Ta=25 C
Ta=25 C
Ta=-25 C
Ta=100 C


Similar Part No. - KRA722T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA722E KEC-KRA722E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA722U KEC-KRA722U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRA722T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA221S KEC-KRA221S Datasheet
573Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA221M KEC-KRA221M Datasheet
742Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com