Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3224TB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PC3224TB
Description  5 V, SILICON MMIC WIDEBAND AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC3224TB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PC3224TB_15 Datasheet HTML 4Page - Renesas Technology Corp PC3224TB_15 Datasheet HTML 5Page - Renesas Technology Corp PC3224TB_15 Datasheet HTML 6Page - Renesas Technology Corp PC3224TB_15 Datasheet HTML 7Page - Renesas Technology Corp PC3224TB_15 Datasheet HTML 8Page - Renesas Technology Corp PC3224TB_15 Datasheet HTML 9Page - Renesas Technology Corp PC3224TB_15 Datasheet HTML 10Page - Renesas Technology Corp PC3224TB_15 Datasheet HTML 11Page - Renesas Technology Corp PC3224TB_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TEST CIRCUIT
VCC
1 000 pF
C3
C1
100 pF
IN
50
6
4
1
2, 3, 5
100 pF
C2
50
OUT
1 000 pF
C4
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
COMPONENTS OF TEST CIRCUIT FOR
MEASURING ELECTRICAL CHARACTERISTICS
Type
Value
C1, C2
Chip Capacitor
100 pF
C3
Chip Capacitor
1 000 pF
C4
Feed-through Capacitor
1 000 pF
CAPACITORS FOR THE VCC, INPUT AND OUTPUT PINS
Capacitors of 1000 pF are recommendable as the bypass capacitor for the VCC pin and the coupling capacitors for
the input and output pins.
The bypass capacitor connected to the VCC pin is used to minimize ground impedance of VCC pin. So, stable bias
can be supplied against VCC fluctuation.
The coupling capacitors, connected to the input and output pins, are used to cut the DC and minimize RF serial
impedance. Their capacitances are therefore selected as lower impedance against a 50
Ω load. The capacitors thus
perform as high pass filters, suppressing low frequencies to DC.
To obtain a flat gain from 100 MHz upwards, 1 000 pF capacitors are used in the test circuit. In the case of under
10 MHz operation, increase the value of coupling capacitor such as 10 000 pF. Because the coupling capacitors are
determined by equation, C = 1/(2
πRfc).
Data Sheet PU10490EJ01V0DS
6
µPC3224TB


Similar Part No. - PC3224TB_15

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
PC322-05AH PICKER-PC322-05AH Datasheet
147Kb / 2P
   Telecom Relay
PC322-05AJ PICKER-PC322-05AJ Datasheet
147Kb / 2P
   Telecom Relay
PC322-05AL PICKER-PC322-05AL Datasheet
147Kb / 2P
   Telecom Relay
PC322-05AM PICKER-PC322-05AM Datasheet
147Kb / 2P
   Telecom Relay
More results

Similar Description - PC3224TB_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3224TB NEC-UPC3224TB Datasheet
91Kb / 15P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com