Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8179TK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PC8179TK
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC8179TK Datasheet(HTML) 4 Page - Renesas Technology Corp

  PC8179TK_15 Datasheet HTML 1Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 2Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 3Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 4Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 5Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 6Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 7Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 8Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet PU10059EJ02V0DS
2
µPC8179TK
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
µPC8179TK-E2
µPC8179TK-E2-A
6-pin lead-less minimold
(1511) (Pb-Free)
Note
6C
• Embossed tape 8 mm wide
• Pin 1, 6 face the perforation side of the tape
• Qty 5 kpcs/reel
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact
your nearby sales office.
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
µPC8179TK
PRODUCT LINE-UP (TA = +25
°C, VCC = Vout = 3.0 V, ZS = ZL = 50 Ω)
Parameter
1.0 GHz output port
matching frequency
1.66 GHz output port
matching frequency
1.9 GHz output port
matching frequency
2.4 GHz output port
matching frequency
Marking
Part No.
ICC
(mA)
GP
(dB)
ISL
(dB)
PO (1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO (1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO (1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO (1dB)
(dBm)
µPC8178TB
1.9
11.0
39.0
−4.0
11.5
40.0
−7.0
11.5
38.0
−7.5
C3B
µPC8178TK
1.9
11.0
40.0
−5.5
11.0
41.0
−8.0
11.0
42.0
−8.0
6B
µPC8179TB
4.0
13.5
44.0
+3.0
15.5
42.0
+1.5
15.5
41.0
+1.0
C3C
µPC8179TK
4.0
13.5
43.0
+2.0
15.5
42.0
+0.5
16.0
42.0
+0.5
6C
µPC8128TB
2.8
12.5
39.0
−4.0
13.0
39.0
−4.0
13.0
37.0
−4.0
C2P
µPC8151TB
4.2
12.5
38.0
+2.5
15.0
36.0
+1.5
15.0
34.0
+0.5
C2U
µPC8152TB
5.6
23.0
40.0
−4.5
19.5
38.0
−8.5
17.5
35.0
−8.5
C2V
Remarks 1. Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
2. To know the associated product, please refer to each latest data sheet.


Similar Part No. - PC8179TK_15

ManufacturerPart #DatasheetDescription
logo
NEC
PC8179TB-E3 NEC-PC8179TB-E3 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
More results

Similar Description - PC8179TK_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com