Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP72V152U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # BP72V152U
Description  External 72V 2U Rack-Tower Battery Pack for select Tripp Lite UPS Systems (BP72V15-2U)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BP72V152U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  BP72V152U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BP72V152U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
External 72V 2U Rack/Tower Battery Pack for select
Tripp Lite UPS Systems (BP72V15-2U)
MODEL NUMBER: BP72V15-2U
Description
BP72V15-2U rack/tower external battery pack offers extended battery runtime when used in conjunction with
expandable 72V Tripp Lite rackmount and tower UPS systems. Includes heavy gauge cabling with high current
DC connector for safe, simple installation. Included mounting accessories support 2U rackmount installation in 4
post racks. Options for 2-point front-rail mounting, 2 post center-mounting, wallmount and upright tower installation available.
Compatible with these UPS Systems - SMART3000RMOD2U, SU3000RTXL2U, SU3000RTXL3U, SU3000RTXL3UHV, SU3000RTXLCD2U,
SU3000RTXLCD3U, SU3000RTXR3U, SU3000RTXR3UHW, SU3000XL, SU3000XLCD, SUINT3000RTXL2U, SUINT3000RTXL3U and other Tripp Lite UPS
systems that specify the use of this battery pack.
Features
Offers extended-run UPS operation when used in conjunction with compatible 72V DC Tripp Lite UPS systems
Includes heavy gauge cabling with high current DC connectors for simple installation
Included mounting brackets support rackmount installation in 4 post racks using only 2 rack spaces (2U)
UPDHDEARKIT option supports 2 point front-rail rackmount installation without rear supports
2POSTRMKITWM option supports balanced 2 point center-mounting in 2 post equipment racks
2POSTRMKITWM option also enables wallmount installation
2-9USTAND option enables upright tower placement
NOTE: LIMIT OF 1 BP72V15-2U PER UPS, SEE BP72V18-2US or BP72V28RT-3U FOR MULTI-PACK COMPATIBILITY
Specifications
BATTERY
DC System Voltage (VDC)
72
UPS Connection
DC connector
Highlights
Extends the runtime of
compatible 72V Tripp Lite UPS
Systems
Supports 2U rackmount
installation; 4 post installation
accessories included
Options for 2 post rackmount,
tower and wallmount installation
available
Applications
Ideal means of lengthening the
battery runtime provided by
compatible Tripp Lite UPS systems
Package Includes
BP72V15-2U external battery
pack with attached DC cabling
4 post compatible mounting
hardware
Owner's manual
1 / 2


Similar Part No. - BP72V152U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP72V15-2U ETC2-BP72V15-2U Datasheet
477Kb / 4P
   External 72V Rack/Tower Battery pack for select Tripp Lite UPS Systems
logo
Tripp Lite. All Rights ...
BP72V15-2U TRIPPLITE-BP72V15-2U Datasheet
153Kb / 2P
   External 72V 2U Rackmount Battery Pack for select Tripp Lite UPS Systems
More results

Similar Description - BP72V152U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
BP72V18-2US TRIPPLITE-BP72V18-2US Datasheet
161Kb / 3P
   External 72V 2U Rack/Tower Battery Pack for select Tripp Lite UPS Systems
BP72V182US TRIPPLITE-BP72V182US Datasheet
490Kb / 2P
   External 72V 2U Rack-Tower Battery Pack for select Tripp Lite UPS Systems (BP72V18-2US)
BP72V15-2U TRIPPLITE-BP72V15-2U Datasheet
153Kb / 2P
   External 72V 2U Rackmount Battery Pack for select Tripp Lite UPS Systems
BP36V152U TRIPPLITE-BP36V152U Datasheet
480Kb / 2P
   External 36V 2U Rack-Tower Battery Pack for select Tripp Lite UPS Systems (BP36V15-2U)
BP24V282U TRIPPLITE-BP24V282U Datasheet
480Kb / 2P
   External 24V 2U Rack-Tower Battery Pack for select Tripp Lite UPS Systems (BP24V28-2U)
logo
List of Unclassifed Man...
BP24V28-2U ETC2-BP24V28-2U Datasheet
483Kb / 4P
   BP24V28-2U - 2U External 24V Rack/Tower Battery Pack for select Tripp Lite UPS Systems
BP36V15-2U ETC2-BP36V15-2U Datasheet
483Kb / 4P
   BP36V15-2U - 2U External 36V Rack/Tower Battery Pack for select Tripp Lite UPS Systems
logo
Tripp Lite. All Rights ...
BP36V15-2U TRIPPLITE-BP36V15-2U Datasheet
156Kb / 2P
   External 36V 2U Rack/Tower Battery Pack for select Tripp Lite UPS Systems
BP36V27-2US TRIPPLITE-BP36V27-2US Datasheet
161Kb / 3P
   36V External Battery Pack for Select Tripp Lite UPS Systems, 2U Rack/Tower
logo
List of Unclassifed Man...
BP72V28RT-3U ETC2-BP72V28RT-3U Datasheet
494Kb / 4P
   External 72V Rack/Tower Battery Pack for select Tripp Lite UPS systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com