Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU6000RT4UHVPM Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SU6000RT4UHVPM
Description  SmartOnline 6000VA Power Module - Hot-swappable replacement power module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU6000RT4UHVPM Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SU6000RT4UHVPM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU6000RT4UHVPM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Audible Alarm
Unique audible alarms for all major UPS, environmental and power conditions (see manual)
PHYSICAL
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
6.85 x 17.5 x 20.67
UPS Power Module Dimensions
(hwd, cm)
17.4 x 44.5 x 52.5
UPS Power Module Weight (lbs.)
108
UPS Power Module Weight (kg)
49
UPS Dimensions Details
4U replacement power module component only
UPS Shipping Dimensions (hwd / in.)
12.7 x 23.6 x 29.1
UPS Shipping Dimensions (hwd /
cm)
32.3 x 59.9 x 73.9
Shipping Weight (lbs.)
149.9
Shipping Weight (kg)
68.1
UPS Housing Material
Steel
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A (EMI)
UPS Certification Details
IEC61000-4-5 1995 B Surge Immunity, EN62040-2
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - SU6000RT4UHVPM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU6000RT4UHV TRIPPLITE-SU6000RT4UHV Datasheet
538Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU6000RT4UHVG TRIPPLITE-SU6000RT4UHVG Datasheet
539Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU6000RT4UHVHW TRIPPLITE-SU6000RT4UHVHW Datasheet
540Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Hardwire
SU6000RT4UHVTAA TRIPPLITE-SU6000RT4UHVTAA Datasheet
174Kb / 6P
   SmartOnline 208/240V 6kVA On-Line UPS ??Double Conversion, 5.4kW, 4U, Network Card Option, TAA Compliant
More results

Similar Description - SU6000RT4UHVPM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU8000RT3UPM TRIPPLITE-SU8000RT3UPM Datasheet
491Kb / 3P
   SmartOnline 200-240V 8kVA 7.2kW Hot-Swap Spare Power Module - for redundant power applications
logo
PHOENIX CONTACT
2901539 PHOENIX-2901539 Datasheet
776Kb / 9P
   Easy module replacement even during operation (hot swap)
logo
Tripp Lite. All Rights ...
SU20KSPM TRIPPLITE-SU20KSPM Datasheet
476Kb / 2P
   Hot swappable 20kVA replacement power supply for select Tripp Lite 3-Phase UPS Systems
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
logo
Adlink Technology Inc.
CPS-H640 ADLINK-CPS-H640 Datasheet
136Kb / 2P
   400 W 6U CompactPCI Hot-Swappable Redundant Power Supply
logo
Linear Technology
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com