Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYL-48D2LUYC1C Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-48D2LUYC1C
Description  Super bright Yellow
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-48D2LUYC1C Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-48D2LUYC1C Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-48D2LUYC1C Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-48D2LUYC1C Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-48D2LUYC1C Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-48D2LUYC1C Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model. No.
FYL-48D2LUYC1C
Rev.
A
Http://www.foryard.com
Typical Electrical Characteristics Curves
(25
(25
(25
(25
с Ambient Temperature Unless Otherwise Noted)
с Ambient Temperature Unless Otherwise Noted)
с Ambient Temperature Unless Otherwise Noted)
с Ambient Temperature Unless Otherwise Noted)
G
a
P
o
r
A
l
G
a
I
n
P
Ra
Ra
Ra
Radiatio
diatio
diatio
diation pattern.
n pattern.
n pattern.
n pattern.
Relative Lumionous Intensity(LOP @max=1)


Similar Part No. - FYL-48D2LUYC1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-48D2LURC1A FORYARD-FYL-48D2LURC1A Datasheet
271Kb / 5P
   Super bright Red
FYL-48D2LURC1C FORYARD-FYL-48D2LURC1C Datasheet
270Kb / 5P
   Super bright Red.
More results

Similar Description - FYL-48D2LUYC1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-48D2PUYC1A FORYARD-FYL-48D2PUYC1A Datasheet
274Kb / 5P
   Super bright Yellow
logo
Kingbright Corporation
ACDA02-41SYKWA-F01 KINGBRIGHT-ACDA02-41SYKWA-F01_15 Datasheet
224Kb / 5P
   Super Bright Yellow
logo
Ningbo Foryard Optoelec...
FYL-48D2SUYC1A FORYARD-FYL-48D2SUYC1A Datasheet
272Kb / 5P
   Super bright Yellow
logo
P-tec Corporation
PL22-CDY28 P-TEC-PL22-CDY28 Datasheet
72Kb / 1P
   8mm Super Bright Yellow LED
PL16-CDY06 P-TEC-PL16-CDY06 Datasheet
29Kb / 1P
   5mm (T1쩐) Super Bright Yellow LED
logo
Bivar, Inc.
3SYX-X BIVAR-3SYX-X Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED YELLOW, Super Bright
Revision D 08/19
logo
LUMEX INC.
SSL-LX100133XYC-B LUMEX-SSL-LX100133XYC-B Datasheet
122Kb / 1P
   T-10mm LED, SUPER BRIGHT YEllow, WATER CLEAR LENS
logo
Kingbright Corporation
WP7104SYD KINGBRIGHT-WP7104SYD Datasheet
259Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Yellow
logo
LUMEX INC.
SSL-LX100133XYC LUMEX-SSL-LX100133XYC Datasheet
122Kb / 1P
   T-10mm LED SUPER BRIGHT YELLOW, WATER CLEAR LENS
logo
Kingbright Corporation
WP7104SYC-J KINGBRIGHT-WP7104SYC-J Datasheet
195Kb / 6P
   T-1 (3mm) SOLID STATE LAMP SUPER BRIGHT YELLOW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com