Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD43256BGU-B15 Datasheet(PDF) 1 Page - NEC

Part # UPD43256BGU-B15
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BGU-B15 Datasheet(HTML) 1 Page - NEC

  UPD43256BGU-B15 Datasheet HTML 1Page - NEC UPD43256BGU-B15 Datasheet HTML 2Page - NEC UPD43256BGU-B15 Datasheet HTML 3Page - NEC UPD43256BGU-B15 Datasheet HTML 4Page - NEC UPD43256BGU-B15 Datasheet HTML 5Page - NEC UPD43256BGU-B15 Datasheet HTML 6Page - NEC UPD43256BGU-B15 Datasheet HTML 7Page - NEC UPD43256BGU-B15 Datasheet HTML 8Page - NEC UPD43256BGU-B15 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©
1990, 1993, 1994
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD43256B
256K-BIT CMOS STATIC RAM
32K-WORD BY 8-BIT
Description
The
µPD43256B is a high speed, low power, and 262, 144 bits (32,768 words by 8 bits) CMOS static RAM.
Battery backup is available (L, LL, A, and B versions). And A and B versions are wide voltage operations.
The
µPD43256B is packed in 28-pin plastic DIP, 28-pin plastic SOP and 28-pin plastic TSOP (I).
Features
32,768 words by 8 bits organization
Fast access time: 70, 85, 100, 120, 150 ns (MAX.)
Wide voltage range (A version: VCC = 3.0 to 5.5 V, B version: VCC = 2.7 to 5.5 V)
2 V data retention
OE input for easy application
Access time
Operating
Operating
Standby
Data retention
Part number
ns (MAX.)
supply voltage
temperature
supply current
supply currentNote 1
V
°C
µA (MAX.)
µA (MAX.)
µPD43256B-L
70, 85
4.5 to 5.5
0 to 70
50
3
µPD43256B-LL
70, 85
15
2
µPD43256B-A
85, 100Note 2, 120Note 2
3.0 to 5.5
µPD43256B-BNote 2
100, 120, 150
2.7 to 5.5
Notes 1. TA
≤ 40 ˚C, VCC = 3 V
2. Access time : 85 ns (MAX.) (VCC = 4.5 to 5.5 V)
Version X and P
This data sheet can be applied to the version X and P. Each version is identified with its lot number. Letter X in
the fifth character position in a lot number signifies version X, letter P, version P.
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. M10770EJ9V0DS00 (9th edition)
Date Published May 1997 N
Printed in Japan
D43256B
JAPAN
Lot number


Similar Part No. - UPD43256BGU-B15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BGU-B10 NEC-UPD43256BGU-B10 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BGU-B10 NEC-UPD43256BGU-B10 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BGU-B10-A NEC-UPD43256BGU-B10-A Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43256BGU-B10-A RENESAS-UPD43256BGU-B10-A Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD43256BGU-B12 NEC-UPD43256BGU-B12 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results

Similar Description - UPD43256BGU-B15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com