Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1754-5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1754-5
Description  Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1754-5 Datasheet(HTML) 5 Page - Linear Technology

  LTC1754-5_15 Datasheet HTML 1Page - Linear Technology LTC1754-5_15 Datasheet HTML 2Page - Linear Technology LTC1754-5_15 Datasheet HTML 3Page - Linear Technology LTC1754-5_15 Datasheet HTML 4Page - Linear Technology LTC1754-5_15 Datasheet HTML 5Page - Linear Technology LTC1754-5_15 Datasheet HTML 6Page - Linear Technology LTC1754-5_15 Datasheet HTML 7Page - Linear Technology LTC1754-5_15 Datasheet HTML 8Page - Linear Technology LTC1754-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1754-3.3/LTC1754-5
VOUT (Pin 1): Regulated Output Voltage. For best perfor-
mance, VOUT should be bypassed with a 6.8µF (min) low
ESR capacitor as close as possible to the pin.
GND (Pin 2): Ground. Should be tied to a ground plane for
best performance.
SHDN (Pin 3): Active Low Shutdown Input. A low on
SHDN disables the LTC1754. SHDN must not be allowed
to float.
C(Pin 4): Flying Capacitor Negative Terminal.
VIN (Pin 5): Input Supply Voltage. VIN should be bypassed
with a 6.8
µF (min) low ESR capacitor.
C + (Pin 6): Flying Capacitor Positive Terminal.
SI
PLIFIED BLOCK DIAGRA
TYPICAL PERFOR A CE CHARACTERISTICS
LTC1754-3.3. LTC1754-5, TA = 25°C unless otherwise noted.
Oscillator Frequency
vs Supply Voltage
Efficiency vs Supply Voltage
SUPPLY VOLTAGE (V)
2.0
70
80
100
3.5
4.5
1754 G19
60
50
2.5
3.0
4.0
5.0
5.5
40
30
90
TA = 25°C
CFLY = 1µF
LTC1754-5
IOUT = 25mA
LTC1754-3.3
IOUT = 20mA
SUPPLY VOLTAGE (V)
2.0
800
3.5
1754 G20
650
550
2.5
3.0
4.0
500
450
850
750
700
600
4.5
5.0
5.5
TA = 85°C
TA = 25°C
TA = –40°C
SUPPLY VOLTAGE (V)
2.0
0.85
0.90
0.95
3.5
4.5
1754 G21
0.80
0.75
2.5
3.0
4.0
5.0
5.5
0.70
0.65
TA = –40°C
TA = 25°C
TA = 85°C
+
COMP1
2
*
C+
CFLY
1
µF
C
*CHARGE PUMP SHOWN IN PHASE 1, THE CHARGING PHASE.
PHASE 1 IS ALSO THE SHUTDOWN PHASE
1
1
2
CONTROL
VREF
COUT
10
µF
CIN
10
µF
VIN
1754 BD
VOUT
SHDN
VSHDN Threshold Voltage
vs Supply Voltage
PI FU CTIO S


Similar Part No. - LTC1754-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1754-5 LINER-LTC1754-5 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results

Similar Description - LTC1754-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com