Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1928-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1928-5
Description  Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1928-5 Datasheet(HTML) 4 Page - Linear Technology

  LTC1928-5 Datasheet HTML 1Page - Linear Technology LTC1928-5 Datasheet HTML 2Page - Linear Technology LTC1928-5 Datasheet HTML 3Page - Linear Technology LTC1928-5 Datasheet HTML 4Page - Linear Technology LTC1928-5 Datasheet HTML 5Page - Linear Technology LTC1928-5 Datasheet HTML 6Page - Linear Technology LTC1928-5 Datasheet HTML 7Page - Linear Technology LTC1928-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1928-5
Operating Current vs VIN
(No Load)
BLOCK DIAGRA
+
CHARGE PUMP
AND
SLEW CONTROL
5
1
6
2
3
4
CN/SHDN
CP
CLK B
ENB
CPO
VOUT
VIN
CFLY
0.47
µF
CCPO
4.7
µF
COUT
4.7
µF
POR/
SHDN
CONTROL
550kHz
OSCILLATOR
SD
BURST
VREF = 1.235V
+
CIN
4.7
µF
SD
GND
19285 BD
160
VIN (V)
260
240
220
200
180
160
140
120
100
19285 G07
2.5
3.0
3.5
4.0
4.5
TA = 25°C
Efficiency vs Supply Voltage
SUPPLY VOLTAGE (V)
2.6
40
50
70
80
90
3.0
3.4 3.6
4.4
19285 G08
60
2.8
3.2
3.8 4.0 4.2
100
TA = 25°C
IOUT = 15mA
CFLY = 0.47µF
Output Voltage vs Output Current
OUTPUT CURRENT (mA)
0
35
40
19285 G09
510
15
20
25
30
4.901
4.900
4.989
4.988
4.987
4.986
4.985
4.984
4.983
4.982
TA = 25°C
VIN = 3V
CFLY = 0.47µF
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1928-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
More results

Similar Description - LTC1928-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
logo
California Micro Device...
CM3702 CALMIRCO-CM3702 Datasheet
445Kb / 11P
   Micropower Low-Noise Charge-Pump and Linear Regulator
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com