Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1010 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1010
Description  Fast 150mA Power Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1010 Datasheet HTML 6Page - Linear Technology LT1010 Datasheet HTML 7Page - Linear Technology LT1010 Datasheet HTML 8Page - Linear Technology LT1010 Datasheet HTML 9Page - Linear Technology LT1010 Datasheet HTML 10Page - Linear Technology LT1010 Datasheet HTML 11Page - Linear Technology LT1010 Datasheet HTML 12Page - Linear Technology LT1010 Datasheet HTML 13Page - Linear Technology LT1010 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1010
10
1010fe
APPLICATIONS INFORMATION
This is a good example of how fast op amps can be made
quite easy to use by employing an output buffer.
Integrator
A lowpass amplifier can be formed just by using large CF
in the inverter described earlier, as long as the increasing
closed-loop output impedance above the cutoff frequency
is not a problem and the op amp is capable of supplying
the required current at the summing junction.
stage. Feedback is arranged in the conventional manner,
although the 68µF-0.01µF combination limits DC gain to
unity for all gain settings. For applications sensitive to
NTSC requirements, dropping the 25Ω output stage bias
value will aid performance.
A2
LT1010
RF
20k
CF
500pF
CI
IIN
1010 AI07
VOUT
+
A1
LT1012
If the integrating capacitor must be driven from the buffer
output, the circuit above can be used to provide capacitive
load isolation. As before, the stability with large capacitive
loads is determined by RFCF.
Wideband Amplifiers
This simple circuit provides an adjustable gain video
amplifier that will drive 1VP-P into 75Ω. The differential
pair provides gain with the LT1010 serving as an output
BIAS
+
LT1010
22µF
+
22µF
TYPICAL SPECIFICATIONS
1VP-P INTO 75
AT A = 2
0.5dB TO 10MHz
3dB DOWN AT 16MHz
AT A = 10
0.5dB TO 4MHz
–3dB = 8MHz
+
68µF
1010 AI08
PEAKING
5pF to 25pF
25
900
OUTPUT
(75)
0.01µF
1k
GAIN SET
5.1k
Q1, Q2: 2N3866
–15V
8.2k
15V
–15V
Q2
Q1
INPUT
A2
LT1010
R1
100
R2
800
C1
15pF
VIN
1010 AI09
VOUT
+
A1
HA2625
This shows the buffer being used with a wideband ampli-
fier that is not unity-gain stable. In this case, C1 cannot
be used to isolate large capacitive loads. Instead, it has an
optimum value for a limited range of load capacitances.
The buffer can cause stability problems in circuits like this.
With the TO-220 packages, behavior can be improved by
raising the quiescent current with a 20Ω resistor from the
bias terminal to V+. Alternately, devices in the miniDIP can
be operated in parallel.
It is possible to improve capacitive load stability by oper-
ating the buffer class A at high frequencies. This is done
by using quiescent current boost and bypassing the bias
terminal to Vwith more than 0.02µF.
A2
LT1010
R1
400
R2
1.6k
INPUT
1010 AI10
OUTPUT
+
A1
HA2625
Putting the buffer outside the feedback loop as shown
here will give capacitive load isolation, with large output
capacitorsonlyreducingbandwidth.Bufferoffset,referred
to the op amp input, is divided by the gain. If the load re-
sistance is known, gain error is determined by the output
resistance tolerance. Distortion is low.


Similar Part No. - LT1010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1010 LINER-LT1010 Datasheet
1Mb / 19P
   Fast -150mA Power Buffer
LT1010 LINER-LT1010 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1010 LINER-LT1010 Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1010CDD LINER-LT1010CDD Datasheet
275Kb / 20P
   Fast 짹150mA Power Buffer
LT1010CH LINER-LT1010CH Datasheet
1Mb / 19P
   Fast -150mA Power Buffer
More results

Similar Description - LT1010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1010 LINER-LT1010 Datasheet
1Mb / 19P
   Fast -150mA Power Buffer
LT1010 LINER-LT1010_06 Datasheet
275Kb / 20P
   Fast 짹150mA Power Buffer
logo
Calogic, LLC
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
   Fast Buffer
LH0033 CALOGIC-LH0033 Datasheet
92Kb / 9P
   Fast Buffer
logo
National Semiconductor ...
LH4008 NSC-LH4008 Datasheet
219Kb / 7P
   Fast Buffer
LH4009 NSC-LH4009 Datasheet
193Kb / 7P
   FAST BUFFER
logo
Calogic, LLC
LH0033 CALOGIC-LH0033_15 Datasheet
84Kb / 9P
   Fast Buffer
logo
SUNMATE electronic Co.,...
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
   150mA Surface Mount Fast Switching Diode
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
   150mA Axial Leaded Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
   150mA Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com