Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1010 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1010
Description  Fast 150mA Power Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1010 Datasheet HTML 2Page - Linear Technology LT1010 Datasheet HTML 3Page - Linear Technology LT1010 Datasheet HTML 4Page - Linear Technology LT1010 Datasheet HTML 5Page - Linear Technology LT1010 Datasheet HTML 6Page - Linear Technology LT1010 Datasheet HTML 7Page - Linear Technology LT1010 Datasheet HTML 8Page - Linear Technology LT1010 Datasheet HTML 9Page - Linear Technology LT1010 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1010
6
1010fe
TYPICAL PERFORMANCE CHARACTERISTICS
Shorted Input Characteristics
Peak Power Capability
Peak Output Current
Bias Terminal Voltage
Total Harmonic Distortion
Total Harmonic Distortion
TEMPERATURE (°C)
–50
0.5
0.7
1.0
0
50
1010 G19
0.6
0.9
0.8
100
150
VS = ±20V
RBIAS = 100
RBIAS = 20
OUTPUT VOLTAGE (VP-P)
0.1
0.2
0.3
0.4
1
10
100
1010 G20
0.1
0
RL = 50
f = 10kHz
VS = ±15V
TC = 25°C
IBIAS = 0
RBIAS = 50
FREQUENCY (kHz)
1
0.4
0.6
0.8
10
100
1000
1010 G21
0.2
0
IBIAS = 0
VS = ±15V
VOUT = ±10V
TC = 25°C
RL = 50
RL = 100
INPUT VOLTAGE (V)
–15
0
0
10
1010 G22
–25
–50
–10
–5
5
25
50
15
VS = ±15V
VOUT = 0
TJ = 25°C
PULSE WIDTH (ms)
1
0
2
4
6
8
10
100
1010 G23
10
TC = 85°C
TO-220
TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
1010 G24
0.1
0.4
0.3
100
150
VS = ±15V
VOUT = 0
SINK
SOURCE


Similar Part No. - LT1010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1010 LINER-LT1010 Datasheet
1Mb / 19P
   Fast -150mA Power Buffer
LT1010 LINER-LT1010 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1010 LINER-LT1010 Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1010CDD LINER-LT1010CDD Datasheet
275Kb / 20P
   Fast 짹150mA Power Buffer
LT1010CH LINER-LT1010CH Datasheet
1Mb / 19P
   Fast -150mA Power Buffer
More results

Similar Description - LT1010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1010 LINER-LT1010 Datasheet
1Mb / 19P
   Fast -150mA Power Buffer
LT1010 LINER-LT1010_06 Datasheet
275Kb / 20P
   Fast 짹150mA Power Buffer
logo
Calogic, LLC
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
   Fast Buffer
LH0033 CALOGIC-LH0033 Datasheet
92Kb / 9P
   Fast Buffer
logo
National Semiconductor ...
LH4008 NSC-LH4008 Datasheet
219Kb / 7P
   Fast Buffer
LH4009 NSC-LH4009 Datasheet
193Kb / 7P
   FAST BUFFER
logo
Calogic, LLC
LH0033 CALOGIC-LH0033_15 Datasheet
84Kb / 9P
   Fast Buffer
logo
SUNMATE electronic Co.,...
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
   150mA Surface Mount Fast Switching Diode
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
   150mA Axial Leaded Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
   150mA Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com