Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-22SURSYGC Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # 67-22SURSYGC
Description  Top View LEDs With Bi-Color
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

67-22SURSYGC Datasheet(HTML) 3 Page - A-BRIGHT Inc

  67-22SURSYGC_15 Datasheet HTML 1Page - A-BRIGHT Inc 67-22SURSYGC_15 Datasheet HTML 2Page - A-BRIGHT Inc 67-22SURSYGC_15 Datasheet HTML 3Page - A-BRIGHT Inc 67-22SURSYGC_15 Datasheet HTML 4Page - A-BRIGHT Inc 67-22SURSYGC_15 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2009/2/20
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Part Number: 67-22SURSYGC
Test items and results of reliability
Refer to reliability test standard specification for in this line.
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size Ac/Re
1
Reflow
TEMP:240±5℃
Min. 5sec.
6 MIN.
22 PCS
0/1
2
Temperature Cycle
H:+100℃ 15min
∫ 5min
L:-40℃ 15min
300 CYCLES
22 PCS
0/1
3
Thermal Shock
H:+100℃ 5min
∫ 10set
L:-10℃ 5min
300 CYCLES
22 PCS
0/1
4
High Temperature
Storage
TEMP:100℃
1000 HRS
22 PCS
0/1
5
Low Temperature Storage
TEMP:-55℃
1000 HRS
22 PCS
0/1
6
DC Operating Life
IF=20mA
1000 HRS
22 PCS
0/1
7
High Temperature /
High Humidity
85℃ / 85%RH
1000 HRS
22 PCS
0/1


Similar Part No. - 67-22SURSYGC_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22SURSYGC-S530-A2-TR8 EVERLIGHT-67-22SURSYGC-S530-A2-TR8 Datasheet
184Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22SURSYGC-S530-A3-E3 EVERLIGHT-67-22SURSYGC-S530-A3-E3 Datasheet
258Kb / 11P
   Top View LED with Bi-Color
67-22SURSYGC/S530-A2/TR8 EVERLIGHT-67-22SURSYGC/S530-A2/TR8 Datasheet
184Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22SURSYGC/S530-A3/E3 EVERLIGHT-67-22SURSYGC/S530-A3/E3 Datasheet
258Kb / 11P
   Top View LED with Bi-Color
logo
A-BRIGHT Inc
67-22SURSYGC A-BRIGHT-67-22SURSYGC_09 Datasheet
261Kb / 5P
   Top View LEDs With Bi-Color
2009/2/20
More results

Similar Description - 67-22SURSYGC_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
67-22SURSYGC A-BRIGHT-67-22SURSYGC Datasheet
343Kb / 5P
   Top View LEDs With Bi-Color
2009/2/20
67-22SURSYGC A-BRIGHT-67-22SURSYGC Datasheet
261Kb / 5P
   Top View LEDs With Bi-Color
2009/2/20
67-22SDRVGC A-BRIGHT-67-22SDRVGC Datasheet
351Kb / 5P
   Top View LEDs With Bi-Color
2006/10/12
67-22SURSYGC A-BRIGHT-67-22SURSYGC_09 Datasheet
261Kb / 5P
   Top View LEDs With Bi-Color
2009/2/20
logo
Everlight Electronics C...
67-22USRSYGC-S530-A3-E3 EVERLIGHT-67-22USRSYGC-S530-A3-E3 Datasheet
182Kb / 11P
   Bi-Color Top View LEDs
67-22UYOSYGC-S530-A3-E2 EVERLIGHT-67-22UYOSYGC-S530-A3-E2 Datasheet
242Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22SURSYGC-S530-A2-TR8 EVERLIGHT-67-22SURSYGC-S530-A2-TR8 Datasheet
184Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22SURSYGC-S530-A3-E3 EVERLIGHT-67-22SURSYGC-S530-A3-E3 Datasheet
258Kb / 11P
   Top View LED with Bi-Color
logo
A-BRIGHT Inc
67-23SURSUGSUBC A-BRIGHT-67-23SURSUGSUBC_15 Datasheet
256Kb / 5P
   Top View With Full Color LEDs
2008/11/28
67-23SURSUGSUBC A-BRIGHT-67-23SURSUGSUBC Datasheet
256Kb / 5P
   Top View With Full Color LEDs
2008/11/28
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com