Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDTA124XM3T5G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LDTA124XM3T5G
Description  Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA124XM3T5G Datasheet(HTML) 1 Page - Leshan Radio Company

  LDTA124XM3T5G_15 Datasheet HTML 1Page - Leshan Radio Company LDTA124XM3T5G_15 Datasheet HTML 2Page - Leshan Radio Company LDTA124XM3T5G_15 Datasheet HTML 3Page - Leshan Radio Company LDTA124XM3T5G_15 Datasheet HTML 4Page - Leshan Radio Company LDTA124XM3T5G_15 Datasheet HTML 5Page - Leshan Radio Company LDTA124XM3T5G_15 Datasheet HTML 6Page - Leshan Radio Company LDTA124XM3T5G_15 Datasheet HTML 7Page - Leshan Radio Company LDTA124XM3T5G_15 Datasheet HTML 8Page - Leshan Radio Company LDTA124XM3T5G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
1/
11
Bias Resistor Transistors
PNP Silicon Surface Mount Transistors
With Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base-emitter
resistor. The BRT eliminates these individual components by integrating
them into a single device. The use of a BRT can reduce both system
cost and board space. The device is housed in the SOT-723 package
which is designed for low power surface mount applications.
LDTA114EM3T5G
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
260 (Note 1)
600 (Note 2)
2.0 (Note 1)
4.8 (Note 2)
mW
Thermal Resistance –
Junction-to-Ambient
RθJA
480 (Note 1)
205 (Note 2)
°C/W
Junction and Storage
Temperature Range
TJ,Tstg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
xx
= Specific Device Code
M
= Date Code
MARKING DIAGRAM
3
2
1
XX M
mW/
°C
Simplifies Circuit Design
Reduces Component Count
The SOT-723 Package can be Soldered using Wave or Reflow.
Available in 4 mm, 8000 Unit Tape & Reel
Reduces Board Space
Series
SOT-723
1
2
3
We declare that the material of product compliance with
RoHS requirements.


Similar Part No. - LDTA124XM3T5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA124XM3T5G LRC-LDTA124XM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
More results

Similar Description - LDTA124XM3T5G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com