Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99-215UWC Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # 99-215UWC
Description  TFT DISPLAY LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

99-215UWC Datasheet(HTML) 1 Page - A-BRIGHT Inc

  99-215UWC_15 Datasheet HTML 1Page - A-BRIGHT Inc 99-215UWC_15 Datasheet HTML 2Page - A-BRIGHT Inc 99-215UWC_15 Datasheet HTML 3Page - A-BRIGHT Inc 99-215UWC_15 Datasheet HTML 4Page - A-BRIGHT Inc 99-215UWC_15 Datasheet HTML 5Page - A-BRIGHT Inc 99-215UWC_15 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2009/2/20
NOTES:
1. All dimensions are in millimeters (inches);
2. Tolerances are
±0.1mm (0.004inch) unless otherwise
noted.
3. Polarity referring onto the cathode mark is reversed on the
red.
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
TFT DISPLAY LED
Part Number: 99-215UWC
Package outlines & Re-flow Profile
Soldering iron
Basic spec is
5sec when 260℃. If temperature is higher,
time should be shorter (+10℃
-1sec ).Power dissipation
of iron should be smaller than 15W, and temperatures
should be controllable .Surface temperature of the device
should be under 230℃ .
Reflow Temp/Time
ITEM
MATERIALS
Resin (mold)
Epoxy
Lens color
Yellow Diffused
Printed circuit board
BT
Emitted color
White
Material
InGaN


Similar Part No. - 99-215UWC_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
99-215UWC-TR8 A-BRIGHT-99-215UWC-TR8 Datasheet
359Kb / 6P
   TFT DISPLAY LED
2006/10/18
99-215UWC A-BRIGHT-99-215UWC_09 Datasheet
247Kb / 6P
   TFT DISPLAY LED
2009/2/20
More results

Similar Description - 99-215UWC_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
99-213UWC A-BRIGHT-99-213UWC Datasheet
247Kb / 6P
   TFT DISPLAY LED
2009/2/20
99-213UWC-TR8 A-BRIGHT-99-213UWC-TR8 Datasheet
360Kb / 6P
   TFT DISPLAY LED
2006/10/11
99-213UWC A-BRIGHT-99-213UWC_15 Datasheet
247Kb / 6P
   TFT DISPLAY LED
2009/2/20
99-215UWC A-BRIGHT-99-215UWC Datasheet
247Kb / 6P
   TFT DISPLAY LED
2009/2/20
99-215UWC-TR8 A-BRIGHT-99-215UWC-TR8 Datasheet
359Kb / 6P
   TFT DISPLAY LED
2006/10/18
99-213UWC A-BRIGHT-99-213UWC_09 Datasheet
247Kb / 6P
   TFT DISPLAY LED
2009/2/20
99-215UWC A-BRIGHT-99-215UWC_09 Datasheet
247Kb / 6P
   TFT DISPLAY LED
2009/2/20
logo
Applied Concepts Inc.
ACD-2283 ACIPOWER-ACD-2283 Datasheet
277Kb / 2P
   SXGA LED BACKLIT TFT DISPLAY
ACD-2238 ACIPOWER-ACD-2238 Datasheet
279Kb / 2P
   XGA LED BACKLIT TFT DISPLAY
logo
Renesas Technology Corp
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
   TFT Display Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com