Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1117 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1117
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1117_15 Datasheet HTML 6Page - Linear Technology LT1117_15 Datasheet HTML 7Page - Linear Technology LT1117_15 Datasheet HTML 8Page - Linear Technology LT1117_15 Datasheet HTML 9Page - Linear Technology LT1117_15 Datasheet HTML 10Page - Linear Technology LT1117_15 Datasheet HTML 11Page - Linear Technology LT1117_15 Datasheet HTML 12Page - Linear Technology LT1117_15 Datasheet HTML 13Page - Linear Technology LT1117_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
10
1117fd
TYPICAL APPLICATIONS
1117 TA03
+
R1
121Ω
C2
100μF
VOUT†
VIN
VOUT = 1.25V 1 +
R2
R1
+
C1*
10μF
R2
1k
NEEDED IF DEVICE IS FAR FROM FILTER CAPACITORS
*
LT1117
IN
ADJ
OUT
()
Adjusting Output Voltage of Fixed Regulators
Regulator with Reference
121Ω
1%
100μF
5V
VIN
10μF
365Ω
1%
1k
1k
+
+
TTL
1117 TA04
LT1117
IN
ADJ
OUT
2N3904
Remote Sensing
1117 TA05
121Ω
VIN
RP
(MAX. DROP 300mV)
10μF
+
+
+
100μF
365Ω
100pF
5μF
25Ω
1k
25Ω
VIN
RL
7
2
3
4
8
1
6
LM301A
OUTPUT
5V
RETURN
RETURN
LT1117
IN
ADJ
OUT
100μF
5V TO 10V
VIN > 12V
10μF
1117 TA06
10μF*
1k
* OPTIONAL IMPROVES RIPPLE REJECTION
LT1117-5
IN
GND
OUT
+
+
+
100μF
10V
VIN > 11.5V
10μF
1117 TA07
5VOUT
LT1029
LT1117-5
IN
GND
OUT
+
+
1.2V to 10V Adjustable Regulator
5V Regulator with Shutdown


Similar Part No. - LT1117_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com