Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0701DPN-E0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0701DPN-E0
Description  N-Channel MOS FET 75 V, 100 A, 3.8 m?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0701DPN-E0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0701DPN-E0_15 Datasheet HTML 1Page - Renesas Technology Corp RJK0701DPN-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJK0701DPN-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJK0701DPN-E0_15 Datasheet HTML 4Page - Renesas Technology Corp RJK0701DPN-E0_15 Datasheet HTML 5Page - Renesas Technology Corp RJK0701DPN-E0_15 Datasheet HTML 6Page - Renesas Technology Corp RJK0701DPN-E0_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0701DPN-E0
Preliminary
R07DS0622EJ0200 Rev.2.00
Page 3 of 6
Aug 24, 2012
Main Characteristics
250
200
150
100
50
0
50
100
150
200
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
100
80
60
40
20
0
24
6
8
Case Temperature Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
200
100
0
4
8
12
16
20
1
10
100
1000
1
10
100
0.1
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Drain to Source on State Resistance
vs. Drain Current
400
300
ID = 10 A
Pulse Test
VGS = 10 V
Pulse Test
100
10
1
0.1
1
10
100
0.01
0.1
1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
VGS = 4.6 V
Pulse Test
5 V
6 V
7 V
5.4 V
10 V
Tc = 75
°C
25
°C
−25°C
VDS = 10 V
Pulse Test
50 A
30 A
Operation in this
area is limited by
R
DS(on)
10
μs
100
μs
Tc = 25
°C
1 shot pulse
PW = 10 ms
DC Operation


Similar Part No. - RJK0701DPN-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0701DPN-E0-T2 RENESAS-RJK0701DPN-E0-T2 Datasheet
90Kb / 7P
   N-Channel MOS FET 75 V, 100 A, 3.8 m
More results

Similar Description - RJK0701DPN-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0701DPP-E0 RENESAS-RJK0701DPP-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 100 A, 3.8 m
RJK0701DPN-E0 RENESAS-RJK0701DPN-E0 Datasheet
90Kb / 7P
   N-Channel MOS FET 75 V, 100 A, 3.8 m
RJK0701DPP-E0 RENESAS-RJK0701DPP-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 100 A, 3.8 m?
RJK0702DPN-E0 RENESAS-RJK0702DPN-E0 Datasheet
91Kb / 7P
   N-Channel MOS FET 75 V, 90 A, 4.8 m
RJK0703DPN-E0 RENESAS-RJK0703DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 m?
RJK0702DPP-E0 RENESAS-RJK0702DPP-E0 Datasheet
87Kb / 7P
   N-Channel MOS FET 75 V, 90 A, 4.8 m
RJK0703DPN-E0 RENESAS-RJK0703DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 m
RJK0702DPP-E0 RENESAS-RJK0702DPP-E0_15 Datasheet
87Kb / 7P
   N-Channel MOS FET 75 V, 90 A, 4.8 m?
RJK0703DPP-E0 RENESAS-RJK0703DPP-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 m?
RJK0703DPP-E0 RENESAS-RJK0703DPP-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 75 V, 70 A, 6.7 m
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com