Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD43256BGW-85LL-9JL Datasheet(PDF) 6 Page - NEC

Part # UPD43256BGW-85LL-9JL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BGW-85LL-9JL Datasheet(HTML) 6 Page - NEC

Back Button UPD43256BGW-85LL-9JL Datasheet HTML 2Page - NEC UPD43256BGW-85LL-9JL Datasheet HTML 3Page - NEC UPD43256BGW-85LL-9JL Datasheet HTML 4Page - NEC UPD43256BGW-85LL-9JL Datasheet HTML 5Page - NEC UPD43256BGW-85LL-9JL Datasheet HTML 6Page - NEC UPD43256BGW-85LL-9JL Datasheet HTML 7Page - NEC UPD43256BGW-85LL-9JL Datasheet HTML 8Page - NEC UPD43256BGW-85LL-9JL Datasheet HTML 9Page - NEC UPD43256BGW-85LL-9JL Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
µPD43256B
Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
–0.5Note to +7.0
V
Input/Output voltage
VT
–0.5Note to VCC + 0.5
V
Operating ambient temperature
TA
0 to 70
˚C
Storage temperature
Tstg
–55 to +125
˚C
Note
–3.0 V (MIN.) (Pulse width 50 ns)
Caution Exposing the device to stress above those listed in absolute maximum ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational sections of this characteristics. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
µPD43256B-L
µPD43256B-A
µPD43256B-B
Unit
µPD43256B-LL
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Supply voltage
VCC
4.5
5.5
3.0
5.5
2.7
5.5
V
High level input voltage
VIH
2.2
VCC + 0.5
2.2
VCC + 0.5
2.2
VCC + 0.5
V
Low level input voltage
VIL
–0.3Note
+0.8
–0.3Note
+0.5
–0.3Note
+0.5
V
Operating ambient temperature
TA
070
0
70
070
˚C
Note
–3.0 V (MIN.) (Pulse width 50 ns)


Similar Part No. - UPD43256BGW-85LL-9JL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BGW-85LL-9JL NEC-UPD43256BGW-85LL-9JL Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BGW-85LL-9JL NEC-UPD43256BGW-85LL-9JL Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43256BGW-85LL-9JL RENESAS-UPD43256BGW-85LL-9JL Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD43256BGW-85LL-9JL-A NEC-UPD43256BGW-85LL-9JL-A Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43256BGW-85LL-9JL-A RENESAS-UPD43256BGW-85LL-9JL-A Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD43256BGW-85LL-9JL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com