Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1193 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1193
Description  Video Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1193_15 Datasheet HTML 4Page - Linear Technology LT1193_15 Datasheet HTML 5Page - Linear Technology LT1193_15 Datasheet HTML 6Page - Linear Technology LT1193_15 Datasheet HTML 7Page - Linear Technology LT1193_15 Datasheet HTML 8Page - Linear Technology LT1193_15 Datasheet HTML 9Page - Linear Technology LT1193_15 Datasheet HTML 10Page - Linear Technology LT1193_15 Datasheet HTML 11Page - Linear Technology LT1193_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1193
1193fb
V +
7
6
LT1193
V
4
1
8
OUT
V
+
3
2
VIN
SHDN
5
AV = –
RFB + RG
RG
AV = +
RFB + RG
RG
RFB
7
6
LT1193
4
1
8
VOUT
+
3
2
VINDIFF
SHDN
SHDN
5
VO = (VINDIFF + VIN)
RFB + RG
RG
RFB + RG
RG
RFB
RG
RFB
LT1193 • TA03
7
6
LT1193
4
+/REF
1
–/FB
8
VOUT
+
3
2
5
VO =
RFB
7
6
LT1193
4
1
8
VOUT
+
3
2
VIN
SHDN
5
RFB
VIN
VIN
(
( VINDIFF –VIN
( (
+/REF
–/FB
+/REF
–/FB
+/REF
–/FB
RG
RG
VINDIFF
RG
RG
V +
V
V +
V
V +
V
APPLICATIO S I FOR ATIO
In many applications and those requiring good settling
time it is important to use multiple bypass capacitors. A
0.1
µF ceramic disc in parallel with a 4.7µF tantalum is
recommended. Two oscilloscope photos with different
bypass conditions are used to illustrate the settling time
characteristics of the amplifier. Note that although the
output waveform looks acceptable at 1V/DIV, when ampli-
fied to 10mV/DIV the settling time to 10mV is 347ns for the
0.1
µF bypass; the time drops to 96ns with multiple bypass
capacitors.
Operating With Low Closed-Loop Gains
The LT1193 has been optimized for closed-loop gains of
2 or greater; the frequency response illustrates the ob-
tainable closed-loop bandwidths. For a closed-loop gain
of 2 the response peaks about 2dB. Peaking can be
minimized by keeping the feedback elements below 1k
Ω,
and can be eliminated by placing a capacitor across the
feedback resistor, (feedback zero). This peaking shows
up as time domain overshoot of about 40%. With the
feedback capacitor it is eliminated.
Cable Terminations
The LT1193 video difference amplifier has been optimized
as a low cost cable driver. The
±50mA guaranteed output
current enables the LT1193 to easily deliver 7.5VP-P into
No Supply Bypass Capacitors
LT1192 • TA04
AV = 10, IN DEMO BOARD, RL = 1k
LT1192 • TA05
SETTLING TIME TO 10mV, AV = 2
SUPPLY BYPASS CAPACITORS = 0.1
µF
VOUT
1V/DIV
0V
LT1192 • TA06
SETTLING TIME TO 10mV, AV = 2
SUPPLY BYPASS CAPACITORS = 0.1
µF + 4.7µF TANTALUM
VOUT
1V/DIV
0V
Settling Time Poor Bypass
Settling Time Good Bypass
0V
0V
VOUT
10mV/DIV
VOUT
10mV/DIV


Similar Part No. - LT1193_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193C LINER-LT1193C Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CJ8 LINER-LT1193CJ8 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CJ8 LINER-LT1193CJ8 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1193CN8 LINER-LT1193CN8 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193CN8 LINER-LT1193CN8 Datasheet
433Kb / 12P
   Video Difference Amplifier
More results

Similar Description - LT1193_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
   Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com