Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1534-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1534-1
Description  Ultralow Noise 2A Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1534-1_15 Datasheet HTML 2Page - Linear Technology LT1534-1_15 Datasheet HTML 3Page - Linear Technology LT1534-1_15 Datasheet HTML 4Page - Linear Technology LT1534-1_15 Datasheet HTML 5Page - Linear Technology LT1534-1_15 Datasheet HTML 6Page - Linear Technology LT1534-1_15 Datasheet HTML 7Page - Linear Technology LT1534-1_15 Datasheet HTML 8Page - Linear Technology LT1534-1_15 Datasheet HTML 9Page - Linear Technology LT1534-1_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1534/LT1534-1
PIN FUNCTIONS
referred to this ground. Keep the connection to the feed-
back divider and VC compensation network free of large
ground currents.
VC (Pin 10/Pin 11): The compensation pin is used for
frequency compensation and current limiting. It is the
output of the error amplifier and the input of the current
comparator. Loop frequency compensation can be per-
formed with an RC network connected from the VC pin to
ground.
SHDN (Pin 11/Pin 12): The shutdown pin is used for
disabling the switcher. Grounding this pin will disable all
internal circuitry. Normally this output can be tied high (to
VIN) or may be left floating.
RCSL (Pin 12/Pin 13): A resistor to ground sets the current
slew rate for the power switch. The minimum resistor
value is 3.9k and the maximum value is 68k. Current slew
will be approximately:
ISLEW(A/µs) = 33/RCSL(kΩ)
RVSL (Pin 13/Pin 14): A resistor to ground sets the voltage
slew rate for the power switch collector. The minimum
resistor value is 3.9k and the maximum value is 68k.
Voltage slew will be approximately:
VSLEW(V/µs) = 220/RVSL(kΩ)
VIN (Pin 14/Pin 15): Input Supply Pin. Bypass this pin with
a
≥ 4.7µF low ESR capacitor. When VIN is below 2.55V the
part will go into undervoltage lockout where it will stop
output switching and pull the VC pin low.
PGND (Pin 16/Pin 3): Power Switch Ground. This ground
comes from the emitters of the power switches. In normal
operation this pin should have approximately 25nH induc-
tance to ground. This can be done by trace inductance
(approximately 1") or with wire or a specific inductive
component (e.g., small ferrite bead). This inductance
ensures stability in the current slew control loop during
turn-off. Too much inductance (>50nH) may produce
oscillation on the output voltage slew edges.
COL (Pins 2, 15/Pin 2): These two pins should be con-
nected together externally to create the collector of the
power switch. The emitter returns to PGND through a
sense resistor. Large currents flow into these pins so it is
desirable to keep external trace lengths short to minimize
radiation.
SYNC (Pin 4): The SYNC pin can be used to synchronize
the oscillator to an external clock (see Oscillator Sync in
Applications Information section for more details). The
SYNC pin may either be floated or tied to ground if not
used.
CT (Pin 5): The oscillator capacitor pin is used in
conjunction with RT to set the oscillator frequency.
For RT = 16.9k,
CT(NF) = 129/fOSC(kHz)
RT (Pin 6): The oscillator resistor pin is used to set the
charge and discharge currents of the oscillator capacitor.
The nominal value is 16.9k. It is possible to adjust this
resistance
±25% to get a more accurate oscillator fre-
quency.
FB (Pin 7): The feedback pin is used for positive voltage
sensing and oscillator frequency shifting during start-up
and short-circuit conditions. It is the inverting input to the
error amplifier. The noninverting input of this amplifier
connects internally to a 1.25V reference. This pin should
be left open if not used.
NFB (Pin 8/Pin 10): The negative voltage feedback pin is
used for sensing a negative output voltage. The pin is
connected to the inverting input of the negative feedback
amplifier through a 100k source resistor. The negative
feedback amplifier provides a gain of – 0.5 to the feedback
amplifier; therefore, the nominal regulation point is – 2.5V
on NFB. This pin should be left open if not used.
GND (Pin 9/Pins 1, 8, 9, 16): Signal Ground. The internal
error amplifier, negative feedback amplifier, oscillator,
slew control circuitry and the bandgap reference are
(LT1534/LT1534-1)


Similar Part No. - LT1534-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534-1 LINER-LT1534-1 Datasheet
222Kb / 16P
   Ultralow Noise 2A Switching Regulators
More results

Similar Description - LT1534-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534 LINER-LT1534 Datasheet
222Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534 LINER-LT1534_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
LT1533 LINER-LT1533_15 Datasheet
328Kb / 20P
   Ultralow Noise 1A Switching Regulator
logo
Gamma Microelectronics ...
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
logo
Texas Instruments
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com