Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1568 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1568
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1568 Datasheet HTML 4Page - Linear Technology LT1568 Datasheet HTML 5Page - Linear Technology LT1568 Datasheet HTML 6Page - Linear Technology LT1568 Datasheet HTML 7Page - Linear Technology LT1568 Datasheet HTML 8Page - Linear Technology LT1568 Datasheet HTML 9Page - Linear Technology LT1568 Datasheet HTML 10Page - Linear Technology LT1568 Datasheet HTML 11Page - Linear Technology LT1568 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1568
8
1568f
PI FU CTIO S
V+ (Pins 1, 16): The V+ positive supply voltage pins should
be tied together and bypassed with a 0.1
µF capacitor to an
adequate analog ground plane using the shortest possible
wiring.
INVA, INVB (Pins 2, 15): Inverting Input. Each of the INV
pins is an inverting input of an op amp. Note that the INV
pins are high impedance, and are susceptible to coupling
of unintended signals. External parasitic capacitance on
the INV nodes will also affect the frequency response of
the filter sections. For these reasons, printed circuit con-
nections to the INV pins must be kept as short as possible.
SA, SB (Pins 3, 14): Summing Pins. These pins are a
summing junction for input signals. Stray capacitance on
the SA or SB pins may cause “small” frequency errors of
the frequency response near the cutoff frequency (or
center frequency). The three external resistors for each
section should be located as close as possible to the SA or
SB pin to minimize stray capacitance (one picofarad of
stray capacitance may add up to 0.1% frequency error).
OUTA, OUTB (Pins 4, 13): Lowpass Output. These pins
are the rail-to-rail outputs of op amps. Each output is
designed to drive a nominal net load of 400
Ω and 30pF.
OUTA, OUTB (Pins 5, 12): These pins are the inverted
versions of the OUTA and OUTB outputs respectively. Each
output is designed to drive a nominal load of 400
Ω and
30pF.
GNDA (Pin 6): GNDA serves as the common mode refer-
ence voltage for section A. It should be tied to the analog
ground plane in a dual supply system. In a single-supply
system, an internal resistor divider can be used to estab-
lish a half-supply reference point. In that case, GNDA must
be bypassed to V(Pins 8, 9) by a 0.1
µF capacitor.
NC (Pin 7): This pin is not connected internally and can be
connected to ground.
V(Pins 8, 9): The Vnegative supply voltage pins should
be tied together and bypassed to GND by a 0.1
µF capacitor
in a dual-supply system. In a single-supply system, tie
these pins to the ground plane.
EN (Pin 10): ENABLE. When the EN input goes high or is
open circuited, the LT1568 enters a shutdown state which
reduces the supply current to approximately 0.5mA
(VS = 5V). The OUTA, OUTB, OUTA and OUTB pins
assume high impedance states. GNDA will continue to be
biased at half-supply. If an input signal is applied to a
complete filter circuit while the LT1568 is in shutdown,
some signal will normally flow to the output through
passive components around the inactive IC.
EN is connected to V+ through an internal pull-up resistor
of approximately 40k. This defaults the LT1568 to the
shutdown state if the EN pin is left floating. Therefore, the
user must connect the EN pin to a voltage equal to or less
than (V+ – 2.1)V to enable the part for normal operation.
(For example, if V+ is 5V, then to enable the part the EN pin
voltage should be 2.9V or less.)
GNDB (Pin 11): GNDB serves as the common mode
reference voltage for section B. It should be tied to the
analog ground plane in a dual supply system. In a single-
supply system, GNDB can be tied to GNDA to set the
common mode voltage at half-supply. If it is tied to
another reference voltage, GNDB should be bypassed to
V(Pins 8, 9) by a 0.1
µF capacitor.


Similar Part No. - LT1568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
LT1568 LINER-LT1568 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1568 LINER-LT1568 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LT1568 LINER-LT1568 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1568CGN LINER-LT1568CGN Datasheet
271Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
More results

Similar Description - LT1568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Integrated Syste...
LTC1562CN LINEAR-LTC1562CN Datasheet
319Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Technology
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067 LINER-LTC1067_15 Datasheet
299Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com