Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1585A-3.3 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1585A-3.3
Description  5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585A-3.3 Datasheet(HTML) 3 Page - Linear Technology

  LT1585A-3.3_15 Datasheet HTML 1Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 2Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 3Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 4Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 5Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 6Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 7Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 8Page - Linear Technology LT1585A-3.3_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1585A/LT1585A-3.3
1585afa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ripple Rejection
LT1585A
f = 120Hz, COUT = 100µF Tant., (VIN – VOUT) = 3V,
IOUT = 5A
LT1585A-3.3
f = 120Hz, COUT = 100µF Tant., VIN = 6.3V,
IOUT = 5A
60
72
dB
Thermal
LT1585A
TA = 25°C, 30ms Pulse
Regulation
LT1585A-3.3
TA = 25°C, 30ms Pulse
0.004
0.02
%/W
Temperature Stability
0.5
%
Long-Term Stability
TA = 125°C, 1000 Hrs.
0.03
1.0
%
RMS Output Noise
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
(% of VOUT)
Thermal Resistance
LT1585A
T Package: Control Circuitry/Power Transistor
0.7/3.0
°C/W
Junction to Case
Note 1: See thermal regulation specifications for changes in output voltage
due to heating effects. Load and line regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 2: Line and load regulation are guaranteed up to the maximum power
dissipation 28.8W for the LT1585A in T package. Power dissipation is
determined by input/output differential and the output current. Guaranteed
maximum output power will not be available over the full input/output
voltage range.
Note 3: IFULL LOAD is defined as the maximum value of output load current
as a function of input-to-output voltage. IFULL LOAD is equal to 5A for the
LT1585A/LT1585A-3.3. The LT1585A has constant current limit with
changes in input-to-output voltage.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–0.20
–0.10
0
0.10
–0.15
–0.05
0.05
–25
25
75
125
LT1585A • TPC03
175
–50
–75
0
50
100
150
∆I = 5A
LT1585A Load Regulation
vs Temperature
OUTPUT CURRENT (A)
0
1.1
1.3
1.5
4
LT1585A • TPC01
0.9
0.7
1.0
1.2
1.4
0.8
0.6
0.5
1
2
3
5
T = –5°C
T = 125°C
T = 25°C
GUARANTEED
TEST POINTS
LT1585A Dropout Voltage
vs Output Current
TEMPERATURE (°C)
–75
5.0
5.5
125
LT1585A • TPC02
4.5
4.0
–25
25 50
175
6.0
75
–50
0
150
100
LT1585A Short-Circuit Current
vs Temperature
ELECTRICAL CHARACTERISTICS
The
denotes specificatons which apply over the specified temperature range, otherwise specifications are at TA = 25°C.


Similar Part No. - LT1585A-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
148Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
More results

Similar Description - LT1585A-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
   5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com